Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC563M60X Datasheet(PDF) 36 Page - STMicroelectronics

Part # SPC563M60X
Description  32-bit Power Architecture based MCU for automotive powertrain applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M60X Datasheet(HTML) 36 Page - STMicroelectronics

Back Button SPC563M60X Datasheet HTML 32Page - STMicroelectronics SPC563M60X Datasheet HTML 33Page - STMicroelectronics SPC563M60X Datasheet HTML 34Page - STMicroelectronics SPC563M60X Datasheet HTML 35Page - STMicroelectronics SPC563M60X Datasheet HTML 36Page - STMicroelectronics SPC563M60X Datasheet HTML 37Page - STMicroelectronics SPC563M60X Datasheet HTML 38Page - STMicroelectronics SPC563M60X Datasheet HTML 39Page - STMicroelectronics SPC563M60X Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 128 page
background image
Overview
SPC563M64x, SPC563M60x
36/128
DocID14642 Rev 12
2.3.18.2
System Timer Module (STM)
The System Timer Module (STM) is designed to implement the software task monitor as
defined by AUTOSAR (see autosar.org web site). It consists of a single 32-bit counter,
clocked by the system clock, and four independent timer comparators. These comparators
produce a CPU interrupt when the timer exceeds the programmed value.
The following features are implemented in the STM:
One 32-bit up counter with 8-bit prescaler
Four 32-bit compare channels
Independent interrupt source for each channel
Counter can be stopped in debug mode
2.3.19
Software Watchdog Timer (SWT)
The Software Watchdog Timer (SWT) is a second watchdog module to complement the
standard Power Architecture watchdog integrated in the CPU core. The SWT is a 32-bit
modulus counter, clocked by the system clock or the crystal clock, that can provide a system
reset or interrupt request when the correct software key is not written within the required
time window.
The following features are implemented:
32-bit modulus counter
Clocked by system clock or crystal clock
Optional programmable watchdog window mode
Can optionally cause system reset or interrupt request on timeout
Reset by writing a software key to memory mapped register
Enabled out of reset
Configuration is protected by a software key or a write-once register
2.3.20
Debug features
2.3.20.1
Nexus port controller
The NPC (Nexus Port Controller) block provides real-time development support capabilities
for the SPC563Mxx Power Architecture-based MCU in compliance with the IEEE-ISTO
5001-2003 standard. This development support is supplied for MCUs without requiring
external address and data pins for internal visibility. The NPC block is an integration of
several individual Nexus blocks that are selected to provide the development support
interface for SPC563Mxx. The NPC block interfaces to the host processor (e200z335),
eTPU, and internal buses to provide development support as per the IEEE-ISTO 5001-2003
standard. The development support provided includes program trace and run-time access
to the MCUs internal memory map and access to the Power Architecture and eTPU internal
registers during halt. The Nexus interface also supports a JTAG only mode using only the
JTAG pins. SPC563Mxx in the production LQFP144 supports a 3.3 V reduced (4-bit wide)
Auxiliary port. These Nexus port pins can also be used as 5 V I/O signals to increase usable
I/O count of the device. When using this Nexus port as IO, Nexus trace is still possible using
calibration tool calibration. In the calibration tool calibration package, the full 12-bit Auxiliary
port is available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com