Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC563M60X Datasheet(PDF) 32 Page - STMicroelectronics

Part # SPC563M60X
Description  32-bit Power Architecture based MCU for automotive powertrain applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M60X Datasheet(HTML) 32 Page - STMicroelectronics

Back Button SPC563M60X Datasheet HTML 28Page - STMicroelectronics SPC563M60X Datasheet HTML 29Page - STMicroelectronics SPC563M60X Datasheet HTML 30Page - STMicroelectronics SPC563M60X Datasheet HTML 31Page - STMicroelectronics SPC563M60X Datasheet HTML 32Page - STMicroelectronics SPC563M60X Datasheet HTML 33Page - STMicroelectronics SPC563M60X Datasheet HTML 34Page - STMicroelectronics SPC563M60X Datasheet HTML 35Page - STMicroelectronics SPC563M60X Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 128 page
background image
Overview
SPC563M64x, SPC563M60x
32/128
DocID14642 Rev 12
The DSPIs have three configurations:
Serial peripheral interface (SPI) configuration where the DSPI operates as an up to 16-
bit SPI with support for queues
Enhanced Deserial Serial Interface (DSI) configuration where DSPI serializes up to 32
bits with three possible sources per bit
–
eTPU, eMIOS, new virtual GPIO registers as possible bit source
–
Programmable inter-frame gap in continuous mode
–
Bit source selection allows microsecond channel downstream with command or
data frames up to 32 bits
–
Microsecond channel dual receiver mode
Combined serial interface (CSI) configuration where the DSPI operates in both SPI and
DSI configurations interleaving DSI frames with SPI frames, giving priority to SPI
frames
For queued operations, the SPI queues reside in system memory external to the DSPI. Data
transfers between the memory and the DSPI FIFOs are accomplished through the use of
the eDMA controller or through host software.
The DSPI supports these SPI features:
Full-duplex, synchronous transfers
Selectable LVDS Pads working at 40 MHz for SOUT and SCK pins
Master and Slave Mode
Buffered transmit operation using the TX FIFO with parameterized depth of 4 entries
Buffered receive operation using the RX FIFO with parameterized depth of 4 entries
TX and RX FIFOs can be disabled individually for low-latency updates to SPI queues
Visibility into the TX and RX FIFOs for ease of debugging
FIFO Bypass Mode for low-latency updates to SPI queues
Programmable transfer attributes on a per-frame basis:
–
Parameterized number of transfer attribute registers (from two to eight)
–
Serial clock with programmable polarity and phase
–
Various programmable delays:
PCS to SCK delay
SCK to PCS delay
Delay between frames
–
Programmable serial frame size of 4 to 16 bits, expandable with software control
–
Continuously held chip select capability
6 Peripheral Chip Selects, expandable to 64 with external demultiplexer
Deglitching support for up to 32 Peripheral Chip Selects with external demultiplexer
DMA support for adding entries to TX FIFO and removing entries from RX FIFO:
–
TX FIFO is not full (TFFF)
–
RX FIFO is not empty (RFDF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com