Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2500 Datasheet (PDF) - Texas Instruments

TPS2500 Datasheet PDF - Texas Instruments
Part # TPS2500
Download  TPS2500 Download
File Size   2097.56 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INTEGRATED USB POWER SWITCH WITH BOOST CONVERTER

TPS2500 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS2500 Datasheet PDF - Texas Instruments

Part # TPS2500
Download  TPS2500 Click to download

File Size   2097.56 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INTEGRATED USB POWER SWITCH WITH BOOST CONVERTER

TPS2500 Datasheet (HTML) - Texas Instruments


TPS2500 Product details

1FEATURES
23• Integrated Synchronous Boost Converter and
USB Current-Limit Power Switch
• Light-Load, High-Efficiency Eco-mode™
Control Scheme (TPS2500) or Constant
Frequency (TPS2501)
• 1.8-V to 5.25-V Input Voltage (2.2-V Minimum
Start-Up Voltage)
• Adjustable USB Current Limit
– 130 mA to 1400 mA (Typical)
• Accurate 20% Current Limit at 1.4-A Setting
• Powers up to Two Standard USB Ports
• Auxiliary 5.1-V Output
• Fast Overcurrent-Response Time – 5 ms
Typical
• Small 3-mm × 3-mm × 0.9-mm SON-10 Package
• 15-kV / 8-kV System-Level ESD Capable
• UL Listed - File No. E169910

APPLICATIONS
• Portable Applications Using Single Li+ Cell
• USB Hosts Without Native 5-V Supplies

DESCRIPTION
The TPS2500 and TPS2501 provide an integrated
solution to meet USB 5-V power requirements from a
1.8-V to 5.25-V input supply. The features include a
Hi-Speed USB compliant power output, output switch
enable, current limit, and overcurrent fault reporting.
The 1.8-V to 5.25-V input can be supplied by sources including dc/dc regulated supplies (e.g., 3.3 V), or
batteries such as single-cell Li+ or three-cell NiCd,
NiMH, or alkaline.
The USB power-switch current limit is programmable
via an external resistor from as low as 130 mA to as
high as 1400 mA (typical). Two standard USB ports
can be supported from a single TPS2500 or TPS2501
at the 1400-mA setting.
Additionally, the boost converter output is available as
an auxiliary 5.1-V output to power additional loads.
The total current supplied by the USB output and the
auxiliary cannot exceed 1148 mA at VIN = 3 V.




Similar Part No. - TPS2500

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2500 TI-TPS2500 Datasheet
1Mb / 42P
INTEGRATED USB POWER SWITCH WITH BOOST CONVERTER
TPS2500DRCR TI-TPS2500DRCR Datasheet
1Mb / 42P
INTEGRATED USB POWER SWITCH WITH BOOST CONVERTER
TPS2500DRCT TI-TPS2500DRCT Datasheet
1Mb / 42P
INTEGRATED USB POWER SWITCH WITH BOOST CONVERTER
More results


Similar Description - TPS2500

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5331 FAIRCHILD-FAN5331 Datasheet
214Kb / 10P
1.6MHz Boost Converter with 20V Integrated FET Switch
logo
Texas Instruments
TPS61120 TI-TPS61120 Datasheet
462Kb / 25P
SYNCHRONOUS BOOST CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
logo
Advanced Analogic Techn...
AAT1275 ANALOGICTECH-AAT1275 Datasheet
477Kb / 19P
Boost Converter with USB Power Switch
AAT1276 ANALOGICTECH-AAT1276 Datasheet
371Kb / 18P
Boost Converter with USB Power Switch
AAT1275 ANALOGICTECH-AAT1275_08 Datasheet
632Kb / 19P
Boost Converter with USB Power Switch
logo
Texas Instruments
TPS2500 TI-TPS2500 Datasheet
1Mb / 42P
INTEGRATED USB POWER SWITCH WITH BOOST CONVERTER
logo
Skyworks Solutions Inc.
AAT1275 SKYWORKS-AAT1275 Datasheet
1Mb / 19P
Boost Converter with USB Power Switch
AAT1276 SKYWORKS-AAT1276 Datasheet
797Kb / 18P
Boost Converter with USB Power Switch
logo
Texas Instruments
TPS61120PW TI-TPS61120PW Datasheet
1,011Kb / 32P
SYNCHRONOUS BOOST CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
logo
Rohm
BD8152FVM ROHM-BD8152FVM_14 Datasheet
1Mb / 27P
Boost Converter with Integrated FET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com