Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2500 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS2500
Description  INTEGRATED USB POWER SWITCH WITH BOOST CONVERTER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2500 Datasheet(HTML) 4 Page - Texas Instruments

  TPS2500 Datasheet HTML 1Page - Texas Instruments TPS2500 Datasheet HTML 2Page - Texas Instruments TPS2500 Datasheet HTML 3Page - Texas Instruments TPS2500 Datasheet HTML 4Page - Texas Instruments TPS2500 Datasheet HTML 5Page - Texas Instruments TPS2500 Datasheet HTML 6Page - Texas Instruments TPS2500 Datasheet HTML 7Page - Texas Instruments TPS2500 Datasheet HTML 8Page - Texas Instruments TPS2500 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
TPS2500, TPS2501
SLVS886C – OCTOBER 2008 – REVISED AUGUST 2010
www.ti.com
ELECTRICAL CHARACTERISTICS — Boost Section Only (continued)
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OVERVOLTAGE PROTECTION
1.05 ×
VOVP
AUX overvoltage shutdown
AUX rising
V
VAUX
POWER STAGE
Switch on resistance (SWN)
80
120
m
Ω
Peak switch current limit, cycle-by-cycle (SWN
ISW
3
4.5
6
MOSFET)
A
IUPPER
6.7
Switch on-resistance (SWP)
85
125
m
Ω
Switch on-resistance (SWP + USB)
VIN > VNFM
125
185
START-UP
ISTART
Constant current
2.3
2.65
3
A
Constant-current exit threshold (AUX voltage
VEXIT
700
mV
where converter starts switching), VIN - VAUX
BOOST ENABLE (EN)
Enable threshold, boost converter
0.7
1
V
IEN
Input current
VEN = 0 V or 5.5 V
–0.5
0.5
mA
ELECTRICAL CHARACTERISTICS — USB Section Only
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
USB
rUSB
USB switch resistance
50
80
m
Ω
tr
Rise time, output
2
3
ms
VAUX = 5.1 V, CL = 100 mF, RL = 10 Ω,
RILIM = 20 kΩ
tf
Fall time, output
2.5
3.5
ms
USB ENABLE (ENUSB)
Enable threshold, USB switch
0.7
1.0
V
IENUSB
Input current
VENUSB = 0 V or 5.25 V
–0.5
0.5
mA
Turnon time
5
ms
CL = 100 mF, RL = 10 Ω, RILIM = 20 kΩ
Turnoff time
10
ms
FAULT
Output low voltage
I FAULT = 1 mA
150
mV
Off-state current
V FAULT = 5.25 V
1
mA
FAULT assertion or deassertion due to
tDEG
FAULT deglitch
6
8
10
ms
overcurrent condition
VTRIP
AUX threshold for FAULT trip
AUX voltage falling
4.45
4.6
4.71
V
ILIM
RILIM = 100 kΩ
190
285
380
IOS
Short-circuit output current, VIN = 3.3 V
RILIM = 40 kΩ
550
712
875
mA
RILIM = 20 kΩ
1140
1420
1700
tIOS
Response time to short circuit
VAUX = 5.1 V (see Figure 3)
5
ms
4
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): TPS2500 TPS2501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com