Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2500 Datasheet(PDF) 18 Page - Texas Instruments

Part # TPS2500
Description  INTEGRATED USB POWER SWITCH WITH BOOST CONVERTER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2500 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPS2500 Datasheet HTML 14Page - Texas Instruments TPS2500 Datasheet HTML 15Page - Texas Instruments TPS2500 Datasheet HTML 16Page - Texas Instruments TPS2500 Datasheet HTML 17Page - Texas Instruments TPS2500 Datasheet HTML 18Page - Texas Instruments TPS2500 Datasheet HTML 19Page - Texas Instruments TPS2500 Datasheet HTML 20Page - Texas Instruments TPS2500 Datasheet HTML 21Page - Texas Instruments TPS2500 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
I(AUX) − Auxiliary Current − mA
175
200
225
250
275
300
325
0
200
400
600
800
1000
G012
RL = 100 kΩ
TJ = 25°C
VIN = 2.4 V
VIN = 3.3 V
VIN = 5.2 V
VIN = 4.75 V
VIN − Input Voltage − V
1250
1275
1300
1325
1350
1375
1400
1425
1450
3.25
3.75
4.25
4.75
5.25
G013
RL = 20 kΩ
TJ = 25°C
I(AUX) = 200 mA
I(AUX) = 500 mA
I(AUX) = 0 mA
I(AUX) = 400 mA
I(AUX) = 300 mA
VIN − Input Voltage − V
625
650
675
700
725
750
2.25
2.75
3.25
3.75
4.25
4.75
5.25
G014
RL = 40 kΩ
TJ = 25°C
I(AUX) = 500 mA
I(AUX) = 400 mA
I(AUX) = 300 mA
I(AUX) = 0 mA
I(AUX) = 200 mA
VIN − Input Voltage − V
175
200
225
250
275
300
325
2.25
2.75
3.25
3.75
4.25
4.75
5.25
G015
I(AUX) = 600 mA
I(AUX) = 500 mA
I(AUX) = 800 mA
I(AUX) = 1000 mA
I(AUX) = 0 mA
I(AUX) = 900 mA
I(AUX) = 700 mA
RL = 100 kΩ
TJ = 25°C
I(AUX) = 200 mA
I(AUX) = 400 mA
I(AUX) = 300 mA
TPS2500, TPS2501
SLVS886C – OCTOBER 2008 – REVISED AUGUST 2010
www.ti.com
Figure 16. USB Current-Limit Threshold vs IAUX,
Figure 17. USB Current-Limit Threshold vs VIN,
RILIM = 100 kΩ, TA = 25 °C
RILIM = 20 kΩ, TA = 25 °C
Figure 18. USB Current-Limit Threshold vs VIN,
Figure 19. USB Current-Limit Threshold vs VIN,
RILIM = 40 kΩ, TA = 25 °C
RILIM = 100 kΩ, TA = 25 °C
Accounting for Resistor Tolerance in the USB Switch Current-Limit Accuracy
The previous sections described the selection of RILIM, given certain application requirements and the importance
of understanding the current-limit threshold tolerance. The analysis focused only on the TPS2500 performance
and assumed an exact resistor value. However, resistors sold in quantity are not exact and are bounded by an
upper and lower tolerance centered around a nominal resistance. The additional RILIM resistance tolerance
directly affects the current-limit threshold accuracy at a system level. Table 3 shows a process that accounts for
18
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): TPS2500 TPS2501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com