Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2500 Datasheet(PDF) 29 Page - Texas Instruments

Part # TPS2500
Description  INTEGRATED USB POWER SWITCH WITH BOOST CONVERTER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2500 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TPS2500 Datasheet HTML 25Page - Texas Instruments TPS2500 Datasheet HTML 26Page - Texas Instruments TPS2500 Datasheet HTML 27Page - Texas Instruments TPS2500 Datasheet HTML 28Page - Texas Instruments TPS2500 Datasheet HTML 29Page - Texas Instruments TPS2500 Datasheet HTML 30Page - Texas Instruments TPS2500 Datasheet HTML 31Page - Texas Instruments TPS2500 Datasheet HTML 32Page - Texas Instruments TPS2500 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
VIN − Input Voltage − V
4.95
5.00
5.05
5.10
5.15
5.20
5.25
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
G021
I(AUX) = 0.25 A
I(AUX) = 1.5 A
L = DR74-2R2
TJ = 25°C
USB Switch Disabled
I(AUX) = 1.25 A
I(AUX) = 1 A
I(AUX) = 0.75 A
I(AUX) = 0 A
I(AUX) = 0.5 A
TPS2500, TPS2501
www.ti.com
SLVS886C – OCTOBER 2008 – REVISED AUGUST 2010
Figure 28. Line Regulation, TPS2500
(Eco-mode Control Scheme)
Figure 29. VAUX Ripple, VIN = 3.3 V, IAUX = 1 A
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s): TPS2500 TPS2501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com