Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2500 Datasheet(PDF) 26 Page - Texas Instruments

Part # TPS2500
Description  INTEGRATED USB POWER SWITCH WITH BOOST CONVERTER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2500 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TPS2500 Datasheet HTML 22Page - Texas Instruments TPS2500 Datasheet HTML 23Page - Texas Instruments TPS2500 Datasheet HTML 24Page - Texas Instruments TPS2500 Datasheet HTML 25Page - Texas Instruments TPS2500 Datasheet HTML 26Page - Texas Instruments TPS2500 Datasheet HTML 27Page - Texas Instruments TPS2500 Datasheet HTML 28Page - Texas Instruments TPS2500 Datasheet HTML 29Page - Texas Instruments TPS2500 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 43 page
background image
1
1
1.114
1.114
ILIM
min
32,114
32,114
R
35.62 k
IOS
600 mA
æ
ö
æ
ö
=
=
=
W
ç
÷
ç
÷
è
ø
è
ø
TPS2500, TPS2501
SLVS886C – OCTOBER 2008 – REVISED AUGUST 2010
www.ti.com
It is also important to account for IOS shifts due to variation in VIN and IAUX, so by referencing the curves in the
Programming the Current-Limit Threshold Resistor section (Figure 19, specifically) it can be seen that IOS will
shift down by ~50 mA from the VIN = 3.3 V, IAUX = 0 A reference point at our maximum operating conditions of
VIN = 4.2 V, IAUX = 500 mA. Select RILIM so that the minimum current-limit threshold equals 600 mA to ensure a
minimum IUSB current-limit threshold of 550 mA.
Choose the next-smaller 1% resistor, which is 34.8 k
Ω.
26
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): TPS2500 TPS2501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com