Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2500 Datasheet(PDF) 14 Page - Texas Instruments

Part # TPS2500
Description  INTEGRATED USB POWER SWITCH WITH BOOST CONVERTER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2500 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS2500 Datasheet HTML 10Page - Texas Instruments TPS2500 Datasheet HTML 11Page - Texas Instruments TPS2500 Datasheet HTML 12Page - Texas Instruments TPS2500 Datasheet HTML 13Page - Texas Instruments TPS2500 Datasheet HTML 14Page - Texas Instruments TPS2500 Datasheet HTML 15Page - Texas Instruments TPS2500 Datasheet HTML 16Page - Texas Instruments TPS2500 Datasheet HTML 17Page - Texas Instruments TPS2500 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 43 page
background image
VIN − Input Voltage − V
500
750
1000
1250
1500
1750
2000
2250
2500
1.75
2.25
2.75
3.25
3.75
4.25
4.75
5.25
G002
Typical
Conservative
250 kHz
1 MHz
TPS2500, TPS2501
SLVS886C – OCTOBER 2008 – REVISED AUGUST 2010
www.ti.com
typical plot assumes nominal conditions—2.2 mH inductor, 1-MHz/250-kHz switching frequency, nominal
MOSFET on-resistances. The conservative plot assumes more pessimistic conditions—1.7 mH inductor,
925-kHz/230-kHz switching frequency, and maximum MOSFET on-resistances. The graph accounts for the
frequency change from 1-MHz to 250-kHz when VIN > VLFM (4.35 V typical) and for the no-frequency mode when
VIN > VNFM (5.05 V typical), which explains the discontinuities of the graph.
Table 2. Maximum Total DC/DC Current (IAUX + IUSB) at Common Input Voltages
Maximum Total Output Current (IAUX + IUSB)
Input Voltage (V)
Conservative (mA)
Typical (mA)
1.8
599
757
2.5
916
1113
2.7
1008
1216
3
1148
1374
3.3
1308
1536
3.6
1445
1704
4.35
1241
1730
4.5
1364
1858
4.75
1593
2093
5.05
2300
2300
5.25
2300
2300
SPACE ADDED
SPACE ADDED
SPACE ADDED
MAXIMUM TOTAL (AUXILIARY + USB) CURRENT
vs
INPUT VOLTAGE
Figure 12. Maximum Total DC/DC Current vs. Input Voltage
14
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): TPS2500 TPS2501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com