Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2500 Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS2500
Description  INTEGRATED USB POWER SWITCH WITH BOOST CONVERTER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2500 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS2500 Datasheet HTML 17Page - Texas Instruments TPS2500 Datasheet HTML 18Page - Texas Instruments TPS2500 Datasheet HTML 19Page - Texas Instruments TPS2500 Datasheet HTML 20Page - Texas Instruments TPS2500 Datasheet HTML 21Page - Texas Instruments TPS2500 Datasheet HTML 22Page - Texas Instruments TPS2500 Datasheet HTML 23Page - Texas Instruments TPS2500 Datasheet HTML 24Page - Texas Instruments TPS2500 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
2
DISS
AUX
AUX
USB
USB
USB
1
P
V
(I
I
)
1
I
r
æ
ö
=
´
+
-
+
´
ç
÷
h
è
ø
TPS2500, TPS2501
www.ti.com
SLVS886C – OCTOBER 2008 – REVISED AUGUST 2010
USB Capacitance
Connect the USB capacitance from USB to the reference ground plane. The USB capacitance is on the output of
the power switch and provides energy for transient load steps. The TPS2500 does not require any USB
capacitance for operation. Additional capacitance can be added on USB, but it is recommended to not exceed
220 mF to maintain adequate phase margin for the boost converter control loop. The combined output
capacitance on AUX and USB should not exceed 500 mF. USB applications require a minimum of 120 mF on
downstream-facing ports.
ILIM and FAULT Resistors
Connect the ILIM resistor from ILIM to the reference ground plane. The ILIM resistor programs the current-limit
threshold of the USB power switch (see the Programming the Current-Limit Threshold Resistor section). The
ILIM pin is the output of an internal linear regulator that provides a fixed 400-mV output. The recommended
nominal resistor value using 1% resistors on ILIM is 16.1 k
Ω ≤ RILIM ≤ 200 kΩ. This range should be adjusted
accordingly if 1% resistors are not used. Do not overdrive ILIM with an external voltage or connect directly to
GND. Connect the ILIM resistor as close to the TPS2500 as possible to minimize the effects of parasitics on
device operation. Do not add external capacitance on the ILIM pin. The ILIM pin should not be left floating.
Connect the FAULT resistor from the FAULT pin to an external voltage source such as VAUX or VIN. The FAULT
pin is an open-drain output capable of sinking a maximum current of 10 mA continuously. The FAULT resistor
should be sized large enough to limit current to under 10 mA continuously. Do not tie FAULT directly to an
external voltage source. The maximum recommended voltage on FAULT is 6.5 V. The FAULT pin can be left
floating if not used.
Power Dissipation
Power dissipation is an important consideration in any power device with integrated MOSFETs. Although there
are internal thermal sensors that disable the device in the event of an overtemperature condition, it is still good
design practice to calculate the maximum junction temperature and to maintain the maximum junction
temperature under the recommended maximum of 125 °C. There are many ways to approximate the junction
temperature of the device. One method is to calculate the junction temperature rise by multiplying the power
dissipation of the device by the thermal resistance of the device package. The absolute junction temperature is
approximated by the addition of the ambient temperature plus the calculated junction temperature rise: TJ = TA +
(PDISS × qJA) ≤ 125°C
where TA and TJ are in °C, qJA is in °C/W, and PDISS is in W.
The maximum ambient temperature is often an application-specific requirement, such as 85°C maximum. The
thermal resistance is mainly a function of the device package but is impacted by system-level considerations
such as layout, heatsinking from the surrounding copper pours, the number of board layers, copper thickness,
airflow, and surrounding power-dissipating devices (e.g., the power inductor). External equipment such as a
thermal camera can help assess the overall thermal performance of a design. The thermal resistance value of
41.6 °C/W from the Dissipation Ratings table can be used as an initial estimate. The power dissipation of the
device is the sum of the power dissipation in the boost converter plus the power dissipation in the USB power
switch. This can be approximated by:
where PDISS is in W, VAUX is in V, IAUX and IUSB are in A, h is the efficiency of the boost converter, and rUSB is
in
Ω. IAUX is the additional current powering auxiliary loads and does not include any current powering the USB
load. Efficiency can be approximated from the efficiency graphs in the Application Curves section. This approach
may be slightly pessimistic because it does not separate any power losses in the inductor from overall converter
efficiency.
Layout Recommendations
Layout is an important design step due to the high switching frequency of the boost converter. Careful attention
must be applied to the PCB layout to ensure proper function of the device and to obtain the specified
performance. Potential issues resulting from poor layout techniques include wider line and load regulation
tolerances, EMI noise issues, stability problems, and USB current-limit shifts. It is critical to provide a
low-impedance ground path that minimizes parasitic inductance. Wide and short traces should be used in the
high-current paths, and components should be placed as close to the device as possible.
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): TPS2500 TPS2501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com