Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2500 Datasheet(PDF) 17 Page - Texas Instruments

Part # TPS2500
Description  INTEGRATED USB POWER SWITCH WITH BOOST CONVERTER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2500 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS2500 Datasheet HTML 13Page - Texas Instruments TPS2500 Datasheet HTML 14Page - Texas Instruments TPS2500 Datasheet HTML 15Page - Texas Instruments TPS2500 Datasheet HTML 16Page - Texas Instruments TPS2500 Datasheet HTML 17Page - Texas Instruments TPS2500 Datasheet HTML 18Page - Texas Instruments TPS2500 Datasheet HTML 19Page - Texas Instruments TPS2500 Datasheet HTML 20Page - Texas Instruments TPS2500 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 43 page
background image
R(ILIM) − Current-Limiting Resistance − kΩ
0
200
400
600
800
1000
1200
1400
1600
1800
20
30
40
50
60
70
80
90
100
G009
IOS(min)
I(AUX) = 0 A
VIN = 3.3 V
IOS(max)
IOS(typ)
I(AUX) − Auxiliary Current − mA
1250
1275
1300
1325
1350
1375
1400
1425
1450
0
100
200
300
400
500
G010
VIN = 3.3 V
VIN = 4.75 V
VIN = 5.2 V
RL = 20 kΩ
TJ = 25°C
I(AUX) − Auxiliary Current − mA
625
650
675
700
725
750
775
0
100
200
300
400
500
G011
RL = 40 kΩ
TJ = 25°C
VIN = 4.75 V
VIN = 2.4 V
VIN = 3.3 V
VIN = 5.2 V
TPS2500, TPS2501
www.ti.com
SLVS886C – OCTOBER 2008 – REVISED AUGUST 2010
Figure 13. USB Current-Limit Threshold vs RILIM Over Temperature and Process, VIN = 3.3 V, IAUX = 0 A
In addition to current-limit shifts due to process and temperature, the operating conditions of the boost converter
also affect the current-limit threshold of the USB switch. Figure 13 accounts for process and temperature shifts at
VIN = 3.3 V and IAUX = 0 A. The following figures show current-limit shift trends over VIN and IAUX (where IAUX is
the auxiliary 5-V load current provided to any non-USB loads). These curves can be used to calculate the USB
current-limit threshold shift for a given application where the input voltage VIN range and auxiliary current IAUX
vary.
Figure 14. USB Current-Limit Threshold vs IAUX,
Figure 15. USB Current-Limit Threshold vs IAUX,
RILIM = 20 kΩ, TA = 25 °C
RILIM = 40 kΩ, TA = 25 °C
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): TPS2500 TPS2501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com