Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2500 Datasheet(PDF) 24 Page - Texas Instruments

Part # TPS2500
Description  INTEGRATED USB POWER SWITCH WITH BOOST CONVERTER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2500 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TPS2500 Datasheet HTML 20Page - Texas Instruments TPS2500 Datasheet HTML 21Page - Texas Instruments TPS2500 Datasheet HTML 22Page - Texas Instruments TPS2500 Datasheet HTML 23Page - Texas Instruments TPS2500 Datasheet HTML 24Page - Texas Instruments TPS2500 Datasheet HTML 25Page - Texas Instruments TPS2500 Datasheet HTML 26Page - Texas Instruments TPS2500 Datasheet HTML 27Page - Texas Instruments TPS2500 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
AUX
TOTAL
IN
IN
V
I
5.1 V
1 A
I
2.1 A
V
2.7 V
0.9
´
´
=
=
=
´ h
´
Time
Di
I
L
I
IN
I
L_pk
IN
i
0.3
I
0.3
2.1 A
630 mA
D =
´
=
´
=
L_pk
IN
i
I
I
2.42 A
3 A
2
D
=
+
=
<
(
)
(
)
(
)
(
)
AUX
IN
IN
SYNC
L
on
on
off
AUX
IN
SYNC
PWM
V
V
I
R
R
t
D
t
t
V
I
R
R
5.1 V
2.7 V
2.1 A
0.1.
0.07.
0.54
5.1 V
2.1 A
0.1.
0.1.
é
ù
-
+
´
+
=
= ê
ú
+
+
´
-
ê
ú
ë
û
é
ù
-
+
´
+
=
=
ê
ú
+
´
-
ê
ú
ë
û
IN
6
V
D
2.7 V 0.54
L
2.31. H
f
i
1 10 Hz 0.63 A
´
´
=
=
=
´ D
´
´
TPS2500, TPS2501
SLVS886C – OCTOBER 2008 – REVISED AUGUST 2010
www.ti.com
AUX Voltage
The AUX voltage of the TPS2500 is internally fixed at 5.1 V.
Determine Maximum Total Current (IAUX + IUSB)
Using Figure 12, the maximum total current at VIN = 2.7 V is 1 A using the conservative line. The design
requirements are met for this application.
Power Inductor
The inductor ripple current,
Δi, should be at least 20% of the average inductor current to avoid erratic operation
of the peak-current-mode PWM controller. Assume an inductor ripple current,
Δi, which is 30% of the average
inductor current and a power-converter efficiency, h, of 90%. Using the minimum input voltage, the average
inductor current at VIN = 2.7 V is:
Figure 23. Waveform of Current in Boost Inductor
The corresponding inductor ripple current is:
Verify that the peak inductor current is less than the 3-A peak switch current:
The following equation estimates the duty cycle of the low-side PWM MOSFET:
where RPWM is the low-side control MOSFET on-resistance, RSYNC is the high-side synchronous MOSFET
on-resistance, and RL is an estimate of the inductor dc resistance.
The following equation calculates the recommended inductance for this design.
24
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): TPS2500 TPS2501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com