Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2500 Datasheet(PDF) 25 Page - Texas Instruments

Part # TPS2500
Description  INTEGRATED USB POWER SWITCH WITH BOOST CONVERTER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2500 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TPS2500 Datasheet HTML 21Page - Texas Instruments TPS2500 Datasheet HTML 22Page - Texas Instruments TPS2500 Datasheet HTML 23Page - Texas Instruments TPS2500 Datasheet HTML 24Page - Texas Instruments TPS2500 Datasheet HTML 25Page - Texas Instruments TPS2500 Datasheet HTML 26Page - Texas Instruments TPS2500 Datasheet HTML 27Page - Texas Instruments TPS2500 Datasheet HTML 28Page - Texas Instruments TPS2500 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
L_pk
IN
i
I
I
2.42 A
2
D
=
+
=
(
)
2
2
2
2
L_RMS
IN
i
0.63 A
I
I
2.1 A
2.11 A
2
3
2
3
æ
ö
æ
ö
D
=
+
=
+
=
ç
÷
ç
÷
×
×
è
ø
è
ø
TOTAL
AUX
AUX
D
I
C
f
V
´
=
´ D
o_min
6
0.54 1 A
C
10.8. F
1 10 Hz 50 mV
´
=
=
´
´
IN
6
IN
i
630 mA
C
5.25. F
8 f
V
8 1 10 Hz 15 mV
D
=
=
=
´ ´ D
´ ´
´
TPS2500, TPS2501
www.ti.com
SLVS886C – OCTOBER 2008 – REVISED AUGUST 2010
The peak inductor current is:
The rms inductor current is:
Select a Coilcraft LPS4018-222ML inductor. This 2.2-mH inductor has a saturation current rating of 2.7 A and an
rms current rating of 2.3 A. See the Component Recommendations section for specific additional information.
Output AUX Capacitor Selection
The AUX output capacitor, CAUX, discharges during the PWM MOSFET on-time, resulting in an output ripple
voltage of
ΔVAUX. ΔVAUX is largest at maximum load current.
Ceramic capacitors exhibit a dc bias effect, whereby the capacitance falls with increasing bias voltage. The effect
is worse for capacitors in smaller case sizes and lower voltage ratings. X5R and X7R capacitors exhibit less dc
bias effect than Y5V and Z5U capacitors.
Select a TDK C3225X5R1A226M 22-mF, 10-V X5R ceramic capacitor to allow for a 50% drop in capacitance due
to the dc bias effect. See the Component Recommendations section for specific additional information.
Output USB Capacitor Selection
The USB output capacitor provides energy during a load step on the USB output. The TPS2500 does not require
a USB output capacitor, but many USB applications require that downstream-facing ports be bypassed with a
minimum of 120-mF, low-ESR capacitance.
Select a Panasonic EEVFK1A151P 150-mF, 10-V capacitor.
Input Capacitor Selection
The ripple current through the input filter capacitor is equal to the ripple current through the inductor. If the ESL
and ESR of the input filter capacitor are ignored, then the required input filter capacitance is:
Select a TDK C2012X5R1A106K 10-mF, 10-V, X5R, size 805 ceramic capacitor. The capacitance drops 20% at
3.3-V bias, resulting in an effective capacitance of 8 mF.
An additional 0.1-mF ceramic capacitor should be placed locally from IN to GND to prevent noise from coupling
into the device if the input capacitor cannot be located physically near to the device.
In applications where long, inductive cables connect the input power supply to the device, additional bulk input
capacitance may be necessary to minimize voltage overshoot. See the Component Recommendations section
for specific additional information.
Current-Limit Threshold Resistor RILIM
The current-limit threshold IOS of the power switch is externally adjustable by selecting the RILIM resistor. To
eliminate the possibility of false tripping, RILIM should be selected so that the minimum tolerance of the
current-limit threshold is greater than the maximum specified USB load, IUSB. For design margin, an additional
10% (50 mA) buffer is added above the maximum continuous load current and minimum current-limit threshold,
which sets the minimum desired current-limit threshold at 550 mA.
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s): TPS2500 TPS2501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com