Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2500 Datasheet(PDF) 19 Page - Texas Instruments

Part # TPS2500
Description  INTEGRATED USB POWER SWITCH WITH BOOST CONVERTER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2500 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPS2500 Datasheet HTML 15Page - Texas Instruments TPS2500 Datasheet HTML 16Page - Texas Instruments TPS2500 Datasheet HTML 17Page - Texas Instruments TPS2500 Datasheet HTML 18Page - Texas Instruments TPS2500 Datasheet HTML 19Page - Texas Instruments TPS2500 Datasheet HTML 20Page - Texas Instruments TPS2500 Datasheet HTML 21Page - Texas Instruments TPS2500 Datasheet HTML 22Page - Texas Instruments TPS2500 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
TPS2500, TPS2501
www.ti.com
SLVS886C – OCTOBER 2008 – REVISED AUGUST 2010
worst-case resistor tolerance assuming 1% resistor values. Step 1 follows the selection process outlined in the
application examples above. Step 2 determines the upper and lower resistance bounds of the selected resistor.
Step 3 uses the upper and lower resistor bounds in the IOS equations to calculate the threshold limits. It is
important to use tighter tolerance resistors, e.g. 0.5% or 0.1%, when precision current limiting is desired. Also, it
is important to note that this table assumes VIN = 3.3 V and IAUX = 0 A, so Figure 14 through Figure 19 should be
consulted to approximate how IOS shifts with VIN and IAUX. See the Programming the Current-Limit Threshold
Resistor section for additional details.
Table 3. Common RILIM Resistor Selections, VIN = 3.3 V, IAUX = 0 A
Resistor Tolerance
Actual Limits
Desired Nominal
Ideal Resistor
Closest 1%
1% high
IOS(min)
IOS(nom)
IOS(max)
Current Limit (mA)
(k
Ω)
Resistor (k
Ω)
1% low (k
Ω)
(k
Ω)
(mA)
(mA)
(mA)
300
94.98
95.30
94.35
96.25
198.2
299.0
401.7
400
71.19
71.50
70.79
72.22
273.0
398.3
524.8
500
56.93
57.60
57.02
58.18
347.4
494.2
641.7
600
47.42
47.50
47.03
47.98
430.6
599.0
767.7
700
40.64
40.20
39.80
40.60
518.5
707.6
896.5
800
35.55
35.70
35.34
36.06
591.8
796.6
1001.2
900
31.59
31.60
31.28
31.92
678.0
899.7
1121.5
1000
28.42
28.70
28.41
28.99
754.7
990.4
1226.5
1100
25.84
26.10
25.84
26.36
839.0
1088.9
1339.7
1200
23.68
23.70
23.46
23.94
934.1
1199.0
1465.5
1300
21.85
22.10
21.88
22.32
1009.8
1285.5
1563.9
1400
20.29
20.50
20.30
20.71
1098.0
1385.7
1677.1
Thermal Sense
The TPS2500 self-protects using two independent thermal sensing circuits that monitor the operating
temperatures of the boost converter and power switch independently and disable operation if the temperature
exceeds recommended operating conditions. The boost converter and power switch each have an ambient
thermal sensor that disables operation if the measured junction temperature in that part of the circuit exceeds
150°C. The boost converter continues to operate even if the power switch is disabled due to an overtemperature
condition.
Component Recommendations
The main functions of the TPS2500 are integrated and meet recommended operating conditions with a wide
range of external components. The following sections give guidelines and trade-offs for external component
selection. The recommended values given are conservative and intended over the full range of recommended
operating conditions.
Boost Inductor
Connect the boost inductor from IN to SW. The inductance controls the ripple current through the inductor. A
2.2-mH inductor is recommended, and the minimum and maximum inductor values are constrained by the
integrated features of the TPS2500. The minimum inductance is limited by the peak inductor-current value. The
ripple current in the inductor is inversely proportional to the inductance value, so the output voltage may fall out
of regulation if the peak inductor current exceeds the cycle-by-cycle current-limit comparator (3 A minimum).
Using a nominal 2.2-mH inductor allows full recommended current operation even if the inductance is 20% low
(1.76 mH) due to component variation. The maximum inductance value is limited by the internal compensation of
the boost-converter control loop. A maximum 4.7-mH (typical) inductor value is recommended to maintain
adequate phase margin over the full range of recommended operating conditions.
The following chart shows the efficiency vs AUX current of two different inductors at VIN = 3.3 V to demonstrate
how efficiency is impacted by different inductors.
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): TPS2500 TPS2501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com