Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2500 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS2500
Description  INTEGRATED USB POWER SWITCH WITH BOOST CONVERTER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2500 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS2500 Datasheet HTML 7Page - Texas Instruments TPS2500 Datasheet HTML 8Page - Texas Instruments TPS2500 Datasheet HTML 9Page - Texas Instruments TPS2500 Datasheet HTML 10Page - Texas Instruments TPS2500 Datasheet HTML 11Page - Texas Instruments TPS2500 Datasheet HTML 12Page - Texas Instruments TPS2500 Datasheet HTML 13Page - Texas Instruments TPS2500 Datasheet HTML 14Page - Texas Instruments TPS2500 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
TJ − Junction Temperature − °C
0
1
2
3
4
5
6
−50
0
50
100
150
G007
VIN = 3.3 V
VIN − Input Voltage − V
0
1
2
3
4
5
6
7
8
9
0
1
2
3
4
5
6
G008
TJ = −40°C
TJ = 85°C
TJ = 25°C
TPS2500, TPS2501
www.ti.com
SLVS886C – OCTOBER 2008 – REVISED AUGUST 2010
TYPICAL CHARACTERISTICS (continued)
Figure 9. Bias Current vs Junction Temperature,
Figure 10. Bias Current vs Input Voltage,
VIN = 3.3 V, VEN = 0 V (Disabled)
VEN = 0 V (Disabled)
THEORY OF OPERATION
DESCRIPTION
This device targets applications for host-side USB devices where a 5-V power rail, required for USB operation, is
unavailable. The TPS2500 integrates the functionality of a synchronous boost converter and a single USB switch
into a monolithic integrated circuit so that lower-voltage rails can be used directly to provide USB power. An
additional feature is that the auxiliary 5-V power rail is brought external to the device to power non-USB loads in
addition to the integrated USB switch.
The boost converter is highly integrated, including the switching MOSFETs (low-side N-channel, high-side
synchronous P-channel), gate-drive and analog-control circuitry, and control-loop compensation. Additional
features include high-efficiency light-load operation, overload and short-circuit protection, and controlled
monotonic soft start. The USB switch integrates all necessary functions, including back-to-back series N-channel
MOSFETs, charge-pump gate driver, and analog control circuitry. The current-limit protection is user-adjustable
by selecting the RILIM resistor from ILIM to GND.
The only external components required are the boost inductor, current-limit setting resistor, and input and output
capacitors for the boost converter.
BOOST CONVERTER
Start-Up
Input power to the TPS2500 is provided from IN to GND. The device has an undervoltage lockout (UVLO) circuit
that disables the device until the voltage on IN exceeds 2.15 V (typical). The TPS2500 goes through its normal
start-up process and attempts to regulate the AUX voltage to 5.1 V (typical).
The boost converter has a two-step start-up sequence. Step one is a constant-current mode that regulates the
current through the high-side P-channel MOSFET to ISTART (2.65 A typical). ISTART provides power to the load and
charges the output capacitance on VAUX until VAUX reaches VIN – VEXIT. The converter begins to switch once VAUX
exceeds VIN – VEXIT. The initial duty cycle of the device is limited by a closed-loop soft start that ramps the
reference voltage to the internal error amplifier to provide a controlled, monotonic start-up on VAUX. The boost
converter goes through this cycle any time the voltage on VAUX drops below VIN – VEXIT due to overload
conditions or the boost converter re-enables after normal shutdown.
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS2500 TPS2501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com