Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2500 Datasheet(PDF) 15 Page - Texas Instruments

Part # TPS2500
Description  INTEGRATED USB POWER SWITCH WITH BOOST CONVERTER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2500 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TPS2500 Datasheet HTML 11Page - Texas Instruments TPS2500 Datasheet HTML 12Page - Texas Instruments TPS2500 Datasheet HTML 13Page - Texas Instruments TPS2500 Datasheet HTML 14Page - Texas Instruments TPS2500 Datasheet HTML 15Page - Texas Instruments TPS2500 Datasheet HTML 16Page - Texas Instruments TPS2500 Datasheet HTML 17Page - Texas Instruments TPS2500 Datasheet HTML 18Page - Texas Instruments TPS2500 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 43 page
background image
TPS2500, TPS2501
www.ti.com
SLVS886C – OCTOBER 2008 – REVISED AUGUST 2010
POWER SWITCH
Overview
The TPS2500 integrates a current-limited, power-distribution switch using an N-channel MOSFET for applications
where short circuits or heavy capacitive loads are encountered. The current-limit threshold is user-programmable
between 130 mA and 1.4 A (typical) by selecting an external resistor. The device incorporates an internal charge
pump and gate-drive circuitry necessary to fully enhance the N-channel MOSFET. The internal gate driver
controls the MOSFET turnon to limit large current and voltage surges by providing built-in soft-start functionality.
The power switch has an independent undervoltage lockout (UVLO) circuit that disables the power switch until
the voltage on AUX reaches 4.3 V (typical). Built-in hysteresis prevents unwanted on/off cycling due to input
voltage drop on AUX from current surges on the output of the power switch. The power switch has an
independent logic-level enable control (ENUSB) that gates power-switch turnon and bias for the charge pump,
driver, and miscellaneous control circuitry. A logic-high input on ENUSB enables the driver, control circuits, and
power switch. The enable input is compatible with CMOS, TTL, LVTTL, 2.5-V, and 1.8-V logic levels.
Overcurrent Conditions
The TPS2500 power switch responds to overcurrent conditions by limiting its output current to the IOS levels
shown in Figure 4. The device maintains a constant output current and reduces the output voltage accordingly
during an overcurrent condition. Two possible overload conditions can occur.
The first condition is when a short circuit or partial short circuit is present on the output of the switch prior to
device turnon and the device is powered up or enabled. The output voltage is held near zero potential with
respect to ground, and the TPS2500 ramps the output current to IOS. The TPS2500 power switch limits the
current to IOS until the overload condition is removed or the device begins to cycle thermally.
The second condition is when a short circuit, partial short circuit, or transient overload occurs while the device is
already enabled and powered on. The device responds to the overcurrent condition within time tIOS (see
Figure 3). The current-sense amplifier is overdriven during this time and momentarily disables the power switch.
The current-sense amplifier recovers and limits the output current to IOS. The power switch thermally cycles if an
overload condition is present long enough to activate thermal limiting in any of the foregoing cases. The power
switch turns off when the junction temperature exceeds 130°C while in current-limit. The power switch remains
off until the junction temperature cools 10°C and then restarts. The TPS2500 power switch cycles on/off until the
overload is removed. The boost converter is independent of the power-switch thermal sense and continues to
operate as long as the temperature of the boost converter remains less than 150°C and does not trigger the
boost-converter thermal sense.
FAULT Response
The FAULT open-drain output is asserted low during an overcurrent condition that causes VUSB to fall below
VTRIP (4.6 V typical) or causes the junction temperature to exceed the shutdown threshold (130°C). The TPS2500
asserts the FAULT signal until the fault condition is removed and the power switch resumes normal operation.
The FAULT signal is independent of the boost converter. The FAULT signal uses an internal delay deglitch circuit
(8-ms typical) to delay asserting the FAULT signal during an overcurrent condition. The power switch must
remain in an overcurrent condition for the entire deglitch period or the deglitch timer is restarted. This ensures
that FAULT is not accidentally asserted due to normal operation such as starting into a heavy capacitive load.
The deglitch circuitry delays entering and leaving fault conditions. Overtemperature conditions are not deglitched
and assert the FAULT signal immediately.
Power Switch Undervoltage Lockout
The undervoltage lockout (UVLO) circuit disables the TPS2500 power switch until the input voltage on AUX
reaches the power switch UVLO turn-on threshold of 4.3 V (typical). Built-in hysteresis prevents unwanted on/off
cycling due to input-voltage drop from large current surges.
Power Switch Enable
The logic enable controls the power switch, bias for the charge pump, driver, and other circuits to reduce the
supply current of the power switch. The power-switch supply current is reduced to less than 4 mA (typical) when
a logic-low input is present on ENUSB. A logic-high input on ENUSB enables the driver, control circuits, and
power switch. The enable input is compatible with both TTL and CMOS logic levels.
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): TPS2500 TPS2501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com