Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2500 Datasheet(PDF) 16 Page - Texas Instruments

Part # TPS2500
Description  INTEGRATED USB POWER SWITCH WITH BOOST CONVERTER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2500 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS2500 Datasheet HTML 12Page - Texas Instruments TPS2500 Datasheet HTML 13Page - Texas Instruments TPS2500 Datasheet HTML 14Page - Texas Instruments TPS2500 Datasheet HTML 15Page - Texas Instruments TPS2500 Datasheet HTML 16Page - Texas Instruments TPS2500 Datasheet HTML 17Page - Texas Instruments TPS2500 Datasheet HTML 18Page - Texas Instruments TPS2500 Datasheet HTML 19Page - Texas Instruments TPS2500 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
OS(max)
0.93
ILIM
27,570 V
I
(mA)
R
k
=
W
OS(typ)
0.998
ILIM
28,235 V
I
(mA)
R
k
=
W
OS(min)
1.114
ILIM
32,114 V
I
(mA)
R
k
=
W
TPS2500, TPS2501
SLVS886C – OCTOBER 2008 – REVISED AUGUST 2010
www.ti.com
Programming the Current-Limit Threshold Resistor RILIM
The overcurrent threshold is user programmable via an external resistor. The TPS2500 uses an internal
regulation loop to provide a regulated voltage on the ILIM pin. The current-limit threshold is proportional to the
current sourced out of ILIM. The recommended 1% resistor range for RILIM is 16.1 kΩ ≤ RILIM ≤ 200 kΩ to ensure
stability of the internal regulation loop. Many applications require that the minimum current limit is above a certain
current level or that the maximum current limit is below a certain current level, so it is important to consider the
tolerance of the overcurrent threshold when selecting a value for RILIM. The following equations and Figure 13
can be used to calculate the resulting overcurrent threshold for a given external resistor value ®ILIM). Figure 13
includes current-limit tolerance due to variations caused by temperature and process. However, the equations do
not account for tolerance due to external resistor variation, so it is important to account for this tolerance when
selecting RILIM. The traces routing the RILIM resistor to the TPS2500 should be as short as possible to reduce
parasitic effects on the current-limit accuracy.
RILIM can be selected to provide a current-limit threshold that occurs 1) above a minimum load current or 2)
below a maximum load current.
To design above a minimum current-limit threshold, find the intersection of RILIM and the maximum desired load
current on the IOS(min) curve and choose a value of RILIM below this value. Programming the current limit above a
minimum threshold is important to ensure start up into full load or heavy capacitive loads. The resulting maximum
current-limit threshold is the intersection of the selected value of RILIM and the IOS(max) curve.
To design below a maximum current-limit threshold, find the intersection of RILIM and the maximum desired load
current on the IOS(max) curve and choose a value of RILIM above this value. Programming the current limit below a
maximum threshold is important to avoid current-limiting upstream power supplies, causing the input voltage bus
to droop. The resulting minimum current-limit threshold is the intersection of the selected value of RILIM and the
IOS(min) curve.
Current-limit threshold equations (IOS):
16
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): TPS2500 TPS2501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com