Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2500 Datasheet(PDF) 23 Page - Texas Instruments

Part # TPS2500
Description  INTEGRATED USB POWER SWITCH WITH BOOST CONVERTER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2500 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TPS2500 Datasheet HTML 19Page - Texas Instruments TPS2500 Datasheet HTML 20Page - Texas Instruments TPS2500 Datasheet HTML 21Page - Texas Instruments TPS2500 Datasheet HTML 22Page - Texas Instruments TPS2500 Datasheet HTML 23Page - Texas Instruments TPS2500 Datasheet HTML 24Page - Texas Instruments TPS2500 Datasheet HTML 25Page - Texas Instruments TPS2500 Datasheet HTML 26Page - Texas Instruments TPS2500 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
+
+
S001
TPS2500, TPS2501
www.ti.com
SLVS886C – OCTOBER 2008 – REVISED AUGUST 2010
APPLICATION INFORMATION
Step-by-Step Design Procedure
The following design procedure provides an example for selecting component values for the TPS2500.
The following design parameters are needed as inputs to the design process.
•
Input voltage range
•
Output voltage on AUX
•
Input ripple voltage
•
Output ripple voltage on AUX
•
Output current rating of AUX rail
•
Output current rating of USB rail
•
Nominal efficiency target
•
Operating frequency
A power inductor, input and output filter capacitors, and current-limit threshold resistor are the only external
components required to complete the TPS2500 boost-converter design. The input ripple voltage, AUX ripple
voltage, and total output current affect the selection of these components.
This design example assumes the following input specifications.
PARAMETER
EXAMPLE VALUE
Input voltage range (VIN)
2.7 V to 4.2 V
AUX voltage (VAUX)
5.1 V (internally fixed)
Input ripple voltage (
ΔVIN)
15 mV
AUX ripple voltage (
ΔVAUX)
50 mV
AUX current (IAUX )
0.5 A
USB current (IUSB )
0.5 A
Total current (ITOTAL = IAUX + IUSB)
1 A
Efficiency target, nominal
90%
Switching frequency (f)
1 MHz
Figure 22. Reference Schematic
Switching Frequency
The switching frequency of the TPS2500 is internally fixed at 1 MHz.
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): TPS2500 TPS2501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com