Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2500 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS2500
Description  INTEGRATED USB POWER SWITCH WITH BOOST CONVERTER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2500 Datasheet(HTML) 1 Page - Texas Instruments

  TPS2500 Datasheet HTML 1Page - Texas Instruments TPS2500 Datasheet HTML 2Page - Texas Instruments TPS2500 Datasheet HTML 3Page - Texas Instruments TPS2500 Datasheet HTML 4Page - Texas Instruments TPS2500 Datasheet HTML 5Page - Texas Instruments TPS2500 Datasheet HTML 6Page - Texas Instruments TPS2500 Datasheet HTML 7Page - Texas Instruments TPS2500 Datasheet HTML 8Page - Texas Instruments TPS2500 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
S0380-02
2.2 H
m
1.8-V to
5.25-V Input
10 F
m
IN
EN
ILIM
GND
R
ILIM
PGND
POWER PAD
USB
FAULT
ENUSB
AUX
SW
R
FAULT
120 F
m
(1)
5 V USB Power
22 F
m
Data
Data
5 V Auxiliary Load
Power, 100 mA
(2)
USB FAULT Flag
5 V USB
Port #1
500 mA
5 V USB
Port #2
500 mA
TYPICAL APPLICATION CIRCUIT
IO(AUX) − Output Auxiliary Current − mA
0.77
0.79
0.81
0.83
0.85
0.87
0.89
0.91
0.93
0.95
0.97
0
300
600
900
1200
1500
G001
VIN = 1.8 V
VIN = 4.5 V
VIN = 3.3 V
TPS2500, TPS2501
www.ti.com
SLVS886C – OCTOBER 2008 – REVISED AUGUST 2010
INTEGRATED USB POWER SWITCH WITH BOOST CONVERTER
Check for Samples: TPS2500, TPS2501
1
FEATURES
APPLICATIONS
•
Portable Applications Using Single Li+ Cell
23
•
Integrated Synchronous Boost Converter and
USB Current-Limit Power Switch
•
USB Hosts Without Native 5-V Supplies
•
Light-Load, High-Efficiency Eco-mode™
DESCRIPTION
Control Scheme (TPS2500) or Constant
Frequency (TPS2501)
The TPS2500 and TPS2501 provide an integrated
solution to meet USB 5-V power requirements from a
•
1.8-V to 5.25-V Input Voltage (2.2-V Minimum
1.8-V to 5.25-V input supply. The features include a
Start-Up Voltage)
Hi-Speed USB compliant power output, output switch
•
Adjustable USB Current Limit
enable, current limit, and overcurrent fault reporting.
–
130 mA to 1400 mA (Typical)
The 1.8-V to 5.25-V input can be supplied by sources
•
Accurate 20% Current Limit at 1.4-A Setting
including dc/dc regulated supplies (e.g., 3.3 V), or
•
Powers up to Two Standard USB Ports
batteries such as single-cell Li+ or three-cell NiCd,
NiMH, or alkaline.
•
Auxiliary 5.1-V Output
•
Fast Overcurrent-Response Time – 5 ms
The USB power-switch current limit is programmable
Typical
via an external resistor from as low as 130 mA to as
high as 1400 mA (typical). Two standard USB ports
•
Small 3-mm × 3-mm × 0.9-mm SON-10 Package
can be supported from a single TPS2500 or TPS2501
•
15-kV / 8-kV System-Level ESD Capable
at the 1400-mA setting.
•
UL Listed - File No. E169910
Additionally, the boost converter output is available as
an auxiliary 5.1-V output to power additional loads.
The total current supplied by the USB output and the
auxiliary cannot exceed 1148 mA at VIN = 3 V.
BOOST EFFICIENCY
vs
OUTPUT AUXILIARY CURRENT
(1)
Requirement for USB applications only;
downstream
facing
ports
should be
bypassed with 120 mF minimum per hub.
(2)
Additional current can be supplied from
AUX if <1 A is required for USB ports;
total current should not exceed 1.1 A at
VIN = 3 V.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Eco-mode, PowerPAD are trademarks of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS2500

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2500 TI-TPS2500 Datasheet
1Mb / 42P
INTEGRATED USB POWER SWITCH WITH BOOST CONVERTER
TPS2500DRCR TI-TPS2500DRCR Datasheet
1Mb / 42P
INTEGRATED USB POWER SWITCH WITH BOOST CONVERTER
TPS2500DRCT TI-TPS2500DRCT Datasheet
1Mb / 42P
INTEGRATED USB POWER SWITCH WITH BOOST CONVERTER
More results

Similar Description - TPS2500

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5331 FAIRCHILD-FAN5331 Datasheet
214Kb / 10P
1.6MHz Boost Converter with 20V Integrated FET Switch
logo
Texas Instruments
TPS61120 TI-TPS61120 Datasheet
462Kb / 25P
SYNCHRONOUS BOOST CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
logo
Advanced Analogic Techn...
AAT1275 ANALOGICTECH-AAT1275 Datasheet
477Kb / 19P
Boost Converter with USB Power Switch
AAT1276 ANALOGICTECH-AAT1276 Datasheet
371Kb / 18P
Boost Converter with USB Power Switch
AAT1275 ANALOGICTECH-AAT1275_08 Datasheet
632Kb / 19P
Boost Converter with USB Power Switch
logo
Texas Instruments
TPS2500 TI-TPS2500 Datasheet
1Mb / 42P
INTEGRATED USB POWER SWITCH WITH BOOST CONVERTER
logo
Skyworks Solutions Inc.
AAT1275 SKYWORKS-AAT1275 Datasheet
1Mb / 19P
Boost Converter with USB Power Switch
AAT1276 SKYWORKS-AAT1276 Datasheet
797Kb / 18P
Boost Converter with USB Power Switch
logo
Texas Instruments
TPS61120PW TI-TPS61120PW Datasheet
1,011Kb / 32P
SYNCHRONOUS BOOST CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
logo
Rohm
BD8152FVM ROHM-BD8152FVM_14 Datasheet
1Mb / 27P
Boost Converter with Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com