Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2500 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS2500
Description  INTEGRATED USB POWER SWITCH WITH BOOST CONVERTER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2500 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS2500 Datasheet HTML 6Page - Texas Instruments TPS2500 Datasheet HTML 7Page - Texas Instruments TPS2500 Datasheet HTML 8Page - Texas Instruments TPS2500 Datasheet HTML 9Page - Texas Instruments TPS2500 Datasheet HTML 10Page - Texas Instruments TPS2500 Datasheet HTML 11Page - Texas Instruments TPS2500 Datasheet HTML 12Page - Texas Instruments TPS2500 Datasheet HTML 13Page - Texas Instruments TPS2500 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
TJ − Junction Temperature − °C
0
20
40
60
80
100
120
140
160
180
−50
0
50
100
150
G003
NMOS
PMOS
PMOS + USB
USB
TJ − Junction Temperature − °C
5.05
5.06
5.07
5.08
5.09
5.10
5.11
5.12
5.13
5.14
5.15
−50
0
50
100
150
G004
VIN = 4.5 V
R(AUX) = Hi-Z
TJ − Junction Temperature − °C
249.0
249.5
250.0
250.5
251.0
251.5
252.0
252.5
253.0
−50
0
50
100
150
G006
VIN = 5 V
TJ − Junction Temperature − °C
990
992
994
996
998
1000
1002
1004
1006
1008
1010
−50
0
50
100
150
G005
VIN = 3.3 V
TPS2500, TPS2501
SLVS886C – OCTOBER 2008 – REVISED AUGUST 2010
www.ti.com
TYPICAL CHARACTERISTICS
Figure 5. MOSFET On-State Resistance vs Junction
Figure 6. VAUX vs Junction Temperature, IAUX = IUSB = 0 A
Temperature
Figure 7. Converter Switching Frequency vs Junction
Figure 8. Converter Switching Frequency vs Junction
Temperature, VIN = 3.3 V
Temperature, VIN = 5 V
10
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): TPS2500 TPS2501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com