Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2500 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS2500
Description  INTEGRATED USB POWER SWITCH WITH BOOST CONVERTER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2500 Datasheet(HTML) 2 Page - Texas Instruments

  TPS2500 Datasheet HTML 1Page - Texas Instruments TPS2500 Datasheet HTML 2Page - Texas Instruments TPS2500 Datasheet HTML 3Page - Texas Instruments TPS2500 Datasheet HTML 4Page - Texas Instruments TPS2500 Datasheet HTML 5Page - Texas Instruments TPS2500 Datasheet HTML 6Page - Texas Instruments TPS2500 Datasheet HTML 7Page - Texas Instruments TPS2500 Datasheet HTML 8Page - Texas Instruments TPS2500 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
TPS2500, TPS2501
SLVS886C – OCTOBER 2008 – REVISED AUGUST 2010
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
Eco-mode™
DEVICE
TEMPERATURE(2)
PACKAGE
MARKING
Control Scheme
TPS2500
Enabled
CHO
–40°C to 85°C
DRC (SON)
TPS2501
Disabled
OBA
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
(2)
Maximum ambient temperature is a function of device junction temperature and system-level considerations, such as power dissipation
and board layout. See Dissipation Ratings and Recommended Operating Conditions for specific information related to these devices.
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
Input voltage range on SW(2), AUX, IN, USB, ENUSB, EN, FAULT, ILIM
–0.3 to 7
V
FAULT sink current
25
mA
ILIM source current
1
mA
TJ
Junction temperature range
–40 to 150
°C
ESD – HBM
2
kV
ESD – CDM
500
V
ESD – system level (contact/air)(3)
8/15
kV
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Leading edge voltage spikes on SW during normal switching operation may exceed 7 V and are within the intended operation of the
device as long as the maximum voltage does not exceed 10 V for 25 ns. It is important to follow the recommended layout guidelines to
minimize voltage overshoot. Do not force an external voltage source directly on SW.
(3)
Surges per EN61000-4-2, 1999 applied between USB and output ground of the TPS2500EVM (HPA337) evaluation module
(documentation available on the Web). These were the test levels, not the failure threshold.
DISSIPATION RATINGS
(1)
THERMAL RESISTANCE(2)
THERMAL RESISTANCE
TA ≤ 25°C
PACKAGE
qJA
qJC
POWER RATING
DRC
41.6°C/W
10.7°C/W
2403 mW
(1)
The JEDEC high-K (2s2p) board used to derive this data was a 3-inch × 3-inch (7.62-mm × 7.62-mm), multilayer board with 1-ounce
(0.035-mm) internal power and ground planes and 2-ounce (0.071-mm) copper traces on the top and bottom of the board.
(2)
Mounting per the PowerPAD™ Thermally Enhanced Package application report (SLMA002).
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
VIN
Supply voltage at IN
1.8
5.25
V
VSTART
Supply voltage at IN for start-up
2.2
V
Enable voltage at EN, ENUSB
0
5.25
V
TJ
Operating junction temperature range
–40
125
°C
2
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): TPS2500 TPS2501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com