Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1064 Datasheet (PDF) - Texas Instruments

TUSB1064 Datasheet PDF - Texas Instruments
Part # TUSB1064
Download  TUSB1064 Download
File Size   2148.71 Kbytes
Page   50 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TUSB1064 USB TYPE-C™ DP Alt Mode 10 Gbps Sink-Side Linear Redriver Crosspoint Switch

TUSB1064 Datasheet (PDF)

Go To PDF Page Download Datasheet
TUSB1064 Datasheet PDF - Texas Instruments

Part # TUSB1064
Download  TUSB1064 Click to download

File Size   2148.71 Kbytes
Page   50 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TUSB1064 USB TYPE-C™ DP Alt Mode 10 Gbps Sink-Side Linear Redriver Crosspoint Switch

TUSB1064 Datasheet (HTML) - Texas Instruments


TUSB1064 Product details

1 Features
1• USB Type-C™ crosspoint switch supporting
– USB 3.1 Gen 2 + 2 DP 1.4 lanes
– 4 DP 1.4 lanes
• USB 3.1 Gen 2 up to 10 Gbps
• DisplayPort 1.4 up to 8.1 Gbps (HBR3)
• VESA DisplayPort™ alt mode UFP_D redriving
crosspoint switch supporting c, d, and e pin
assignments
• Ultra-low-power architecture
• Linear redriver with up to 12 dB equalization
• Transparent to DisplayPort link training
• Automatic LFPS de-emphasis control to meet
USB 3.1 certification requirements
• Configuration through GPIO or I2C
• Hot-plug capable
• Industrial temperature range: –40ºC to 85ºC
(TUSB1064I)
• Commercial temperature range: 0ºC to 70ºC
(TUSB1064)
• 4 mm x 6 mm, 0.4 mm Pitch WQFN package

2 Applications
• Monitors
• HDTV
• Projectors
• Docking stations

3 Description
The TUSB1064 s a VESA USB Type-C™ Alt Mode
redriving switch supporting USB 3.1 data rates up to
10 Gbps and DisplayPort 1.4 up to 8.1 Gbps for
upstream facing port (Sink). The device is used for
UFP_D pin assignments C, D, and E from the VESA
DisplayPort Alt Mode on USB Type-C Standard.
The TUSB1064 provides several levels of receive
linear equalization to compensate for inter symbol
interference (ISI) due to cable and board trace loss.
Operates on a single 3.3-V supply and comes in a
commercial temperature range and industrial
temperature range.




Similar Part No. - TUSB1064

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB1064 TI1-TUSB1064 Datasheet
1Mb / 48P
USB TYPE-C DP Alt Mode 10 Gbps Sink-Side Linear Redriver Crosspoint Switch
TUSB1064 TI1-TUSB1064 Datasheet
2Mb / 50P
USB TYPE-C DP Alt Mode 10 Gbps Sink-Side Linear Redriver Crosspoint Switch
TUSB1064 TI-TUSB1064 Datasheet
2Mb / 52P
TUSB1064-Q1 USB Type-C® DP Alt Mode 10Gbps Sink-Side Linear Redriver Crosspoint Switch
SEPTEMBER 2024
TUSB1064-Q1 TI-TUSB1064-Q1 Datasheet
2Mb / 52P
TUSB1064-Q1 USB Type-C® DP Alt Mode 10Gbps Sink-Side Linear Redriver Crosspoint Switch
SEPTEMBER 2024
TUSB1064I TI1-TUSB1064I Datasheet
1Mb / 48P
USB TYPE-C DP Alt Mode 10 Gbps Sink-Side Linear Redriver Crosspoint Switch
More results


Similar Description - TUSB1064

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB546-DCI TI1-TUSB546-DCI Datasheet
1Mb / 48P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB1046-DCI TI1-TUSB1046-DCI Datasheet
1Mb / 48P
USB Type-C DisplayPort ALT Mode 10 Gbps Linear Redriver Crosspoint Switch
TUSB546A-DCI TI1-TUSB546A-DCI Datasheet
1Mb / 47P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB1046A-DCI TI1-TUSB1046A-DCI Datasheet
1Mb / 46P
USB Type-C DisplayPort ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
TUSB546A-DCI TI1-TUSB546A-DCI_17 Datasheet
1Mb / 49P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB564 TI1-TUSB564 Datasheet
1Mb / 45P
USB TYPE-C DP Alt Mode 8.1 Gbps Sink-Side Linear Redriver Crosspoint Switch
TUSB1046A-DCI TI1-TUSB1046A-DCI_17 Datasheet
1Mb / 48P
USB Type-C DisplayPort ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
TUSB1064 TI1-TUSB1064 Datasheet
1Mb / 48P
USB TYPE-C DP Alt Mode 10 Gbps Sink-Side Linear Redriver Crosspoint Switch
TUSB564 TI1-TUSB564_18 Datasheet
2Mb / 50P
USB TYPE-C DP Alt Mode 8.1 Gbps Sink-Side Linear Redriver Crosspoint Switch
TUSB1064 TI1-TUSB1064_18 Datasheet
2Mb / 50P
USB TYPE-C DP Alt Mode 10 Gbps Sink-Side Linear Redriver Crosspoint Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com