Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1064 Datasheet(PDF) 9 Page - Texas Instruments

Part # TUSB1064
Description  TUSB1064 USB TYPE-C™ DP Alt Mode 10 Gbps Sink-Side Linear Redriver Crosspoint Switch
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1064 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TUSB1064 Datasheet HTML 5Page - Texas Instruments TUSB1064 Datasheet HTML 6Page - Texas Instruments TUSB1064 Datasheet HTML 7Page - Texas Instruments TUSB1064 Datasheet HTML 8Page - Texas Instruments TUSB1064 Datasheet HTML 9Page - Texas Instruments TUSB1064 Datasheet HTML 10Page - Texas Instruments TUSB1064 Datasheet HTML 11Page - Texas Instruments TUSB1064 Datasheet HTML 12Page - Texas Instruments TUSB1064 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
9
TUSB1064
www.ti.com
SLLSF48C – MARCH 2018 – REVISED SEPTEMBER 2019
Product Folder Links: TUSB1064
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
6.6 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AUXp/n and SBU1/2
TAUX_PD
Switch propagation delay
1400
ps
TAUX_SW
_OFF
Switching time CTL1 to switch OFF. Not
including TCTL1_DEBOUNCE.
7500
ns
TAUX_SW
_ON
Switching time CTL1 to switch ON
3000
ns
TAUX_INT
RA
Intra-pair output skew
400
ps
USB3.1 and DisplayPort mode transition requirement (GPIO mode)
TGP_USB_
4DP
Min overlap of CTL0 and CTL1 when
transitioning from USB 3.1 only mode to
4-Lane DisplayPort mode or vice versa
4
µs
TCTL1_DE
BOUNCE
CTL1 and HPDIN debounce time when
transitioning from H to L
3
10
ms
I2C (SDA and SCL)
fSCL
I2C clock frequency
1
MHz
tBUF
Bus free time between START and
STOP conditions
0.5
µs
tHDSTA
Hold time after repeated START
condition. After this period, the first clock
pulse is generated
0.26
µs
tLOW
Low period of the I2C clock
0.5
µs
tHIGH
High period of the I2C clock
0.26
µs
tSUSTA
Setup time for a repeated START
condition
0.26
µs
tHDDAT
Data hold time
0
µs
tSUDAT
Data setup time
50
ns
tR
Rise time of both SDA and SCL signals
120
ns
tF
Fall time of both SDA and SCL signals
20 ×
(VI2C/5.5
V)
120
ns
tSUSTO
Setup time for STOP condition
0.26
µs
Cb
Capacitive load for each bus line
100
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com