Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1064 Datasheet(PDF) 6 Page - Texas Instruments

Part # TUSB1064
Description  TUSB1064 USB TYPE-C™ DP Alt Mode 10 Gbps Sink-Side Linear Redriver Crosspoint Switch
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1064 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TUSB1064 Datasheet HTML 2Page - Texas Instruments TUSB1064 Datasheet HTML 3Page - Texas Instruments TUSB1064 Datasheet HTML 4Page - Texas Instruments TUSB1064 Datasheet HTML 5Page - Texas Instruments TUSB1064 Datasheet HTML 6Page - Texas Instruments TUSB1064 Datasheet HTML 7Page - Texas Instruments TUSB1064 Datasheet HTML 8Page - Texas Instruments TUSB1064 Datasheet HTML 9Page - Texas Instruments TUSB1064 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
6
TUSB1064
SLLSF48C – MARCH 2018 – REVISED SEPTEMBER 2019
www.ti.com
Product Folder Links: TUSB1064
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
6.5 ELECTRICAL CHARACTERISTICS
over operating free-air temperature and voltage range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power
PCC-
ACTIVE-
USB
Average active power in USB-only mode
while in U0.
CTL1 = L; CTL0 = H; Link in U0 at
10Gbps;
330
mW
PCC-
ACTIVE-
USB-DP
Average active power in USB + 2 lane
DP mode.
CTL1 = H; CTL0 = H; USB in U0 at
10Gbps; DP at 8.1Gbps;
660
mW
PCC-
ACTIVE-DP
Average active power in 4 lane DP
mode.
CTL1 = H; CTL0 = L; Four DP lanes at
8.1Gbps
660
mW
PCC-NC-
USB
Average power in USB mode while in
disconnect state.
CTL1 = L; CTL0 = H; No USB device
detected;
2.5
mW
PCC-U2U3
Average power in USB mode while in
U2/U3 state
CTL1 = L; CTL0 = H; Link in U2 or U3;
2.5
mW
PCC-
SHUTDOW
N
Average power in Shutdown mode.
CTL1 = L; CTL0 = L; I2C_EN = "0";
0.7
mW
4-State CMOS Inputs(EQ[1:0], SSEQ[1:0], DPEQ[1:0], I2C_EN)
IIH
High-level input current
VCC = 3.6 V; VIN = 3.6 V
20
80
µA
IIL
Low-level input current
VCC = 3.6 V; VIN = 0 V
-160
-40
µA
4-Level
VTH
Threshold 0 / R
VCC = 3.3 V
0.55
V
Threshold R/ Float
VCC = 3.3 V
1.65
V
Threshold Float / 1
VCC = 3.3 V
2.7
V
RPU
Internal pull up resistance
45
kΩ
RPD
Internal pull-down resistance
95
kΩ
2-State CMOS Input (CTL0, CTL1, FLIP, EN, HPDIN) CTL1, CTL0 and FLIP are Failsafe
VIH
High-level input voltage
2
3.6
V
VIL
Low-level input voltage
0
0.8
V
RPD
Internal pull-down resistance for CTL1,
CTL0, FLIP, and EN.
500
kΩ
IIH
High-level input current
VIN = 3.6 V
-25
25
µA
IIL
Low-level input current
VIN = GND, VCC = 3.6 V
-25
25
µA
I2C Control Pins SCL, SDA
VIH
High-level input voltage
I2C_EN ! = 0
0.7 x
VI2C
3.6
V
VIL
Low-level input voltage
I2C_EN ! = 0
0
0.3 ×
VI2C
V
VOL
Low-level output voltage
I2C_EN ! = 0; IOL = 3 mA
0
0.4
V
IOL
Low-level output current
I2C_EN ! = 0; VOL = 0.4 V
20
mA
Ii_I2C
Input current on SDA pin
0.1 × VI2C < Input voltage < 3.3 V
-10
10
µA
Ci_I2C
Input capacitance
10
pF
USB Differential Receiver (RX1P/N, RX2P/N, SSTXP/N)
VRX-DIFF-
PP
Input differential peak-peak voltage
swing linear dynamic range
AC-coupled differential peak-to-peak
signal measured post CTLE through a
reference channel
2000
mVpp
VRX-DC-
CM
Common-mode voltage bias in the
receiver (DC)
0
V
RRX-DIFF-
DC
Differential input impedance (DC)
Present after a USB3.1 device is
detected on TXP/TXN
72
120
Ω
RRX-CM-
DC
Receiver DC Common Mode impedance
Present after a USB3.1 device is
detected on TXP/TXN
18
30
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com