Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1064 Datasheet(PDF) 2 Page - Texas Instruments

Part # TUSB1064
Description  TUSB1064 USB TYPE-C™ DP Alt Mode 10 Gbps Sink-Side Linear Redriver Crosspoint Switch
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1064 Datasheet(HTML) 2 Page - Texas Instruments

  TUSB1064 Datasheet HTML 1Page - Texas Instruments TUSB1064 Datasheet HTML 2Page - Texas Instruments TUSB1064 Datasheet HTML 3Page - Texas Instruments TUSB1064 Datasheet HTML 4Page - Texas Instruments TUSB1064 Datasheet HTML 5Page - Texas Instruments TUSB1064 Datasheet HTML 6Page - Texas Instruments TUSB1064 Datasheet HTML 7Page - Texas Instruments TUSB1064 Datasheet HTML 8Page - Texas Instruments TUSB1064 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
2
TUSB1064
SLLSF48C – MARCH 2018 – REVISED SEPTEMBER 2019
www.ti.com
Product Folder Links: TUSB1064
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 5
6.1
Absolute Maximum Ratings ...................................... 5
6.2
ESD Ratings.............................................................. 5
6.3
Recommended Operating Conditions ....................... 5
6.4
Thermal Information .................................................. 5
6.5
ELECTRICAL CHARACTERISTICS ......................... 6
6.6
Switching Characteristics .......................................... 9
6.7
Timing Requirements .............................................. 10
6.8
Typical Characteristics ............................................ 11
7
Parameter Measurement Information ................ 13
8
Detailed Description ............................................ 15
8.1
Overview ................................................................. 15
8.2
Functional Block Diagram ....................................... 16
8.3
Feature Description................................................. 17
8.4
Device Functional Modes........................................ 18
8.5
Programming........................................................... 23
8.6
Register Maps ......................................................... 25
9
Application and Implementation ........................ 30
9.1
Application Information............................................ 30
9.2
Typical Application ................................................. 30
9.3
System Examples .................................................. 35
10
Power Supply Recommendations ..................... 40
11
Layout................................................................... 41
11.1
Layout Guidelines ................................................. 41
11.2
Layout Example .................................................... 41
12
Device and Documentation Support ................. 42
12.1
Receiving Notification of Documentation Updates 42
12.2
Community Resources.......................................... 42
12.3
Trademarks ........................................................... 42
12.4
Electrostatic Discharge Caution ............................ 42
12.5
Glossary ................................................................ 42
13
Mechanical, Packaging, and Orderable
Information ........................................................... 42
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (May 2019) to Revision C
Page
•
Added note to disable AUX snoop to resolve interop issues with a non-compliant AUX source. ....................................... 17
Changes from Revision A (November 2018) to Revision B
Page
•
Added following to pin 38 description: If I2C_EN = “F”, then this pin must be set to “F” or “0”. ........................................... 4
•
Changed GLF min, typ, and max from -1, 0, 1 to -2.5, 0.5, and 3.5 respectively. .................................................................. 8
•
Added GLF_LFPS_TX1/2 to AC electrical ...................................................................................................................................... 8
Changes from Original (March 2018) to Revision A
Page
•
Changed the RNQ pin image appearance ............................................................................................................................ 3
•
Changed the column on EN From: I To: 2 Level I (PD) ........................................................................................................ 4
•
Changed the EN pin Description in the Pin Functions table .................................................................................................. 4
•
Changed the HPDIN pin From: I/O To: 2 Level I .................................................................................................................. 4
•
Added pull-down indicator (PD) in the I/O column on FLIP/SCL and CTL0/SDA pins ......................................................... 4
•
Added Junction temperature to absolute maximum ratings table. ........................................................................................ 5
•
From: Internal pull-down resistance for CTL1. To: Internal pull-down resistance for CTL1, CTL0, FLIP, and EN. ........... 6
•
Deleted EN from Note 1 of Table 8 ..................................................................................................................................... 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com