Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1064 Datasheet(PDF) 1 Page - Texas Instruments

Part # TUSB1064
Description  TUSB1064 USB TYPE-C™ DP Alt Mode 10 Gbps Sink-Side Linear Redriver Crosspoint Switch
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1064 Datasheet(HTML) 1 Page - Texas Instruments

  TUSB1064 Datasheet HTML 1Page - Texas Instruments TUSB1064 Datasheet HTML 2Page - Texas Instruments TUSB1064 Datasheet HTML 3Page - Texas Instruments TUSB1064 Datasheet HTML 4Page - Texas Instruments TUSB1064 Datasheet HTML 5Page - Texas Instruments TUSB1064 Datasheet HTML 6Page - Texas Instruments TUSB1064 Datasheet HTML 7Page - Texas Instruments TUSB1064 Datasheet HTML 8Page - Texas Instruments TUSB1064 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
USB Hub
DP RX
TUSB1064
PD Controller
D+/-
SSRX
SSTX
DP0
DP1
DP2
DP3
AUXn
AUXp
SBU1
SBU2
CC1
CC2
Control
HPD
CTL
FLIP
0
1
RX2
RX1
TX2
TX1
HPDIN
TUSB1064
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TUSB1064
SLLSF48C – MARCH 2018 – REVISED SEPTEMBER 2019
TUSB1064 USB TYPE-C™ DP Alt Mode 10 Gbps Sink-Side Linear Redriver Crosspoint
Switch
1
1 Features
1
•
USB Type-C™ crosspoint switch supporting
–
USB 3.1 Gen 2 + 2 DP 1.4 lanes
–
4 DP 1.4 lanes
•
USB 3.1 Gen 2 up to 10 Gbps
•
DisplayPort 1.4 up to 8.1 Gbps (HBR3)
•
VESA DisplayPort™ alt mode UFP_D redriving
crosspoint switch supporting c, d, and e pin
assignments
•
Ultra-low-power architecture
•
Linear redriver with up to 12 dB equalization
•
Transparent to DisplayPort link training
•
Automatic LFPS de-emphasis control to meet
USB 3.1 certification requirements
•
Configuration through GPIO or I2C
•
Hot-plug capable
•
Industrial temperature range: –40ºC to 85ºC
(TUSB1064I)
•
Commercial temperature range: 0ºC to 70ºC
(TUSB1064)
•
4 mm x 6 mm, 0.4 mm Pitch WQFN package
2 Applications
•
Monitors
•
HDTV
•
Projectors
•
Docking stations
3 Description
The TUSB1064 s a VESA USB Type-C™ Alt Mode
redriving switch supporting USB 3.1 data rates up to
10 Gbps and DisplayPort 1.4 up to 8.1 Gbps for
upstream facing port (Sink). The device is used for
UFP_D pin assignments C, D, and E from the VESA
DisplayPort Alt Mode on USB Type-C Standard.
The TUSB1064 provides several levels of receive
linear equalization to compensate for inter symbol
interference (ISI) due to cable and board trace loss.
Operates on a single 3.3-V supply and comes in a
commercial
temperature
range
and
industrial
temperature range.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TUSB1064
WQFN (40)
4.00 mm x 6.00 mm
TUSB1064I
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematics
TUSB1064 Use-Case Example


Similar Part No. - TUSB1064

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB1064 TI1-TUSB1064 Datasheet
1Mb / 48P
USB TYPE-C DP Alt Mode 10 Gbps Sink-Side Linear Redriver Crosspoint Switch
TUSB1064 TI1-TUSB1064 Datasheet
2Mb / 50P
USB TYPE-C DP Alt Mode 10 Gbps Sink-Side Linear Redriver Crosspoint Switch
TUSB1064 TI-TUSB1064 Datasheet
2Mb / 52P
TUSB1064-Q1 USB Type-C® DP Alt Mode 10Gbps Sink-Side Linear Redriver Crosspoint Switch
SEPTEMBER 2024
TUSB1064-Q1 TI-TUSB1064-Q1 Datasheet
2Mb / 52P
TUSB1064-Q1 USB Type-C® DP Alt Mode 10Gbps Sink-Side Linear Redriver Crosspoint Switch
SEPTEMBER 2024
TUSB1064I TI1-TUSB1064I Datasheet
1Mb / 48P
USB TYPE-C DP Alt Mode 10 Gbps Sink-Side Linear Redriver Crosspoint Switch
More results

Similar Description - TUSB1064

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB546-DCI TI1-TUSB546-DCI Datasheet
1Mb / 48P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB1046-DCI TI1-TUSB1046-DCI Datasheet
1Mb / 48P
USB Type-C DisplayPort ALT Mode 10 Gbps Linear Redriver Crosspoint Switch
TUSB546A-DCI TI1-TUSB546A-DCI Datasheet
1Mb / 47P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB1046A-DCI TI1-TUSB1046A-DCI Datasheet
1Mb / 46P
USB Type-C DisplayPort ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
TUSB546A-DCI TI1-TUSB546A-DCI_17 Datasheet
1Mb / 49P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB564 TI1-TUSB564 Datasheet
1Mb / 45P
USB TYPE-C DP Alt Mode 8.1 Gbps Sink-Side Linear Redriver Crosspoint Switch
TUSB1046A-DCI TI1-TUSB1046A-DCI_17 Datasheet
1Mb / 48P
USB Type-C DisplayPort ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
TUSB1064 TI1-TUSB1064 Datasheet
1Mb / 48P
USB TYPE-C DP Alt Mode 10 Gbps Sink-Side Linear Redriver Crosspoint Switch
TUSB564 TI1-TUSB564_18 Datasheet
2Mb / 50P
USB TYPE-C DP Alt Mode 8.1 Gbps Sink-Side Linear Redriver Crosspoint Switch
TUSB1064 TI1-TUSB1064_18 Datasheet
2Mb / 50P
USB TYPE-C DP Alt Mode 10 Gbps Sink-Side Linear Redriver Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com