Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1064 Datasheet(PDF) 16 Page - Texas Instruments

Part # TUSB1064
Description  TUSB1064 USB TYPE-C™ DP Alt Mode 10 Gbps Sink-Side Linear Redriver Crosspoint Switch
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1064 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TUSB1064 Datasheet HTML 12Page - Texas Instruments TUSB1064 Datasheet HTML 13Page - Texas Instruments TUSB1064 Datasheet HTML 14Page - Texas Instruments TUSB1064 Datasheet HTML 15Page - Texas Instruments TUSB1064 Datasheet HTML 16Page - Texas Instruments TUSB1064 Datasheet HTML 17Page - Texas Instruments TUSB1064 Datasheet HTML 18Page - Texas Instruments TUSB1064 Datasheet HTML 19Page - Texas Instruments TUSB1064 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 50 page
background image
DP0p
DP0n
DP3p
DP3n
I2C_EN
DPEQ[1:0]/A1
SSEQ[1:0]/A0
SBU2
SBU1
CTL0/SDA
FLIP/SCL
VCC
AUXn
AUXp
SSTXp
SSRXn
SSRXp
SSTXn
RX1p
TX2p
TX1p
RX1n
TX2n
TX1n
RX2p
RX2n
EQ[1:0]
EN
Driver
EQ
Driver
EQ
EQ
Driver
EQ
EQ
M
U
X
VREG
MUX
MUX
Driver
FSM, Control Logic and
Registers
DPEQ_SEL
SSEQ_SEL
SSEQ_SEL
EQ_SEL
DPEQ_SEL
DPEQ_SEL
DP1p
DP1n
DP2p
DP2n
CTL1
I2C
Slave
Copyright © 2017, Texas Instruments Incorporated
DPEQ_SEL
EQ_SEL
DPEQ_SEL
EQ_SEL
Driver
Driver
Driver
HPDIN
16
TUSB1064
SLLSF48C – MARCH 2018 – REVISED SEPTEMBER 2019
www.ti.com
Product Folder Links: TUSB1064
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
8.2 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com