Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNA Datasheet (PDF) - COSEL CO., LTD.

SNA Datasheet PDF - COSEL CO., LTD.
Part # SNA
Download  SNA Download
File Size   599.93 Kbytes
Page   4 Pages
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.
Description Ripple noise attenuation type for switch mode power supplies(DC)

SNA Datasheet (PDF)

Go To PDF Page Download Datasheet
SNA Datasheet PDF - COSEL CO., LTD.

Part # SNA
Download  SNA Click to download

File Size   599.93 Kbytes
Page   4 Pages
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.
Description Ripple noise attenuation type for switch mode power supplies(DC)

SNA Datasheet (HTML) - COSEL CO., LTD.


SNA Product details

Features of SNA series (1A and 3A)
Ripple noise attenuation type for switch mode power supplies(DC)
-±50 VDC
-Best filter for switch mode power supplies of analog circuits
(ex. power supply filter for an operational amplifier)

Features of SNA series (6A)
Ripple noise attenuation type for switch mode power supplies(DC)
-±50 VDC
-Best filter for switch mode power supplies of analog circuits
(ex. power supply filter for an operational amplifier)




Similar Part No. - SNA

ManufacturerPart #DatasheetDescription
logo
Powerbox
SNA-01-000 POWERBOX-SNA-01-000 Datasheet
287Kb / 1P
DC FILTER
SNA-01-223 POWERBOX-SNA-01-223 Datasheet
287Kb / 1P
DC FILTER
SNA-03-000 POWERBOX-SNA-03-000 Datasheet
287Kb / 1P
DC FILTER
SNA-03-223 POWERBOX-SNA-03-223 Datasheet
287Kb / 1P
DC FILTER
SNA-06-000 POWERBOX-SNA-06-000 Datasheet
287Kb / 1P
DC FILTER
More results


Similar Description - SNA

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
QUIETPOWER VICOR-QUIETPOWER Datasheet
144Kb / 8P
Output Ripple Attenuation SiP
logo
IXYS Corporation
AXC-051 IXYS-AXC-051 Datasheet
136Kb / 4P
ACTIVE FILTER FOR RIPPLE ATTENUATION 5A
AXC-102 IXYS-AXC-102 Datasheet
190Kb / 6P
ACTIVE FILTER FOR RIPPLE ATTENUATION 20A
logo
XFMRS Inc.
1XF0010-HO XFMRS-1XF0010-HO Datasheet
32Kb / 2P
EXCELLENT FOR AC RIPPLE AND SWITCH MODE POWER SUPPLIES
1XF0010-VO XFMRS-1XF0010-VO Datasheet
32Kb / 2P
EXCELLENT FOR AC RIPPLE AND SWITCH MODE POWER SUPPLIES
1XF0025-HO XFMRS-1XF0025-HO Datasheet
32Kb / 2P
EXCELLENT FOR AC RIPPLE AND SWITCH MODE POWER SUPPLIES
1XF0025-VO XFMRS-1XF0025-VO Datasheet
32Kb / 2P
EXCELLENT FOR AC RIPPLE AND SWITCH MODE POWER SUPPLIES
1XF0050-HO XFMRS-1XF0050-HO Datasheet
32Kb / 2P
EXCELLENT FOR AC RIPPLE AND SWITCH MODE POWER SUPPLIES
1XF0075-VO XFMRS-1XF0075-VO Datasheet
32Kb / 2P
EXCELLENT FOR AC RIPPLE AND SWITCH MODE POWER SUPPLIES
1XF0250-HO XFMRS-1XF0250-HO Datasheet
32Kb / 2P
EXCELLENT FOR AC RIPPLE AND SWITCH MODE POWER SUPPLIES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com