Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNA Datasheet(PDF) 4 Page - COSEL CO., LTD.

Part # SNA
Description  Ripple noise attenuation type for switch mode power supplies(DC)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

SNA Datasheet(HTML) 4 Page - COSEL CO., LTD.

  SNA Datasheet HTML 1Page - COSEL CO., LTD. SNA Datasheet HTML 2Page - COSEL CO., LTD. SNA Datasheet HTML 3Page - COSEL CO., LTD. SNA Datasheet HTML 4Page - COSEL CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
NF-121
SNA series (6A)
External view
Tolerance : ±1 [±0.04]
Weight : 150g max
PCB Material /thickness : CEM3 /1.6mm [0.06 inches]
Mounting plate : Iron (surface finishing : nickel plating) t=1.0 [0.04]
Case : PBT
Dimensions in mm, [ ]=inches
Keeping drawing current per pin below 5A for CN1 to CN4
Tolerance : ±1 [±0.04]
Weight : 160g max
PCB Material /thickness : CEM3 /1.6mm [0.06 inches]
Mounting plate : Iron (surface finishing : nickel plating) t=1.0 [0.04]
Case : PBT
Dimensions in mm, [ ]=inches
Terminal block screw tighting torque M3:0.8N-m (8.5kgf-cm) max
Option harness : Refer to Instruction Manual 4
Mounting
Plate
Mounting
Plate
-Vout
-Vin
1
4
1
4
1
4
COM-out
+Vout
COM-in
+Vin
6-M3
Terminal cover
2-f4.5
CN1
CN2
1
4
CN3
CN4
2-f4.5
TB1
TB2
Name Plate
Name Plate
Mounting Hole
Mounting Hole
106 ±0.5
117
[4.17]
[0.18]
[0.18]
[4.61]
[4.17]
[4.61]
117
106 ±0.5
Pin No. Function
Function
Pin No.
Function
Pin No.
-Vout
COM-out
CN3
+Vout
COM-out
3,4
1,2
CN4
3,4
1,2
CN1
+Vin
COM-in
3,4
1,2
Function
Pin No.
CN2
-Vin
COM-in
3,4
1,2
(Mfr:J.S.T)
Terminal
Mating connector
I/O Connector
CN1~CN4 B4P-VH VHR-4N
Bulk:BVH-21T-P1.1
Reel:SVH-21T-P1.1
Tolerance : ±1 [±0.04]
Weight : 160g max
PCB Material /thickness : CEM3 / 1.6mm [0.06 inches]
Mounting plate : Iron (surface finishing : nickel plating) t=1.0 [0.04]
Case : PBT
Dimensions in mm, [ ]=inches
Keeping drawing current per pin below 5A for CN1 to CN4
Tolerance : ±1 [±0.04]
Weight : 170g max
PCB Material /thickness : CEM3 /1.6mm [0.06 inches]
Mounting plate : Iron (surface finishing : nickel plating) t=1.0 [0.04]
Case : PBT
Dimensions in mm, [ ]=inches
Terminal block screw tighting torque M3:0.8N-m (8.5kgf-cm) max
Option harness : Refer to Instruction Manual 4
Mounting Plate
Mounting Plate
M4
FG
M4
FG
DIN rail
-Vout
-Vin
1
4
1
4
1
4
COM-out
+Vout
COM-in
+Vin
6-M3
Terminal cover
CN1
CN2
1
4
CN3
CN4
TB1
TB2
Name Plate
Name Plate
DIN rail
108.5
112
108.5
112
Pin No. Function
Function
Pin No.
Function
Pin No.
-Vout
COM-out
CN3
+Vout
COM-out
3,4
1,2
CN4
3,4
1,2
CN1
+Vin
COM-in
3,4
1,2
Function
Pin No.
CN2
-Vin
COM-in
3,4
1,2
Terminal
Mating connector
I/O Connector
CN1~CN4 B4P-VH VHR-4N
Bulk:BVH-21T-P1.1
Reel:SVH-21T-P1.1
(Mfr:J.S.T)
[4.27]
[4.41]
[4.27]
[4.41]
Standard Type
DIN rail installation Type
Terminal block Type
Terminal block type+DIN rail installation Type
¡Note when installing the EMI/EMC
Filter on a DIN rail.
When the EMI/EMC Filter is grounded through
the DIN rail, the proper noise attenuation may not
be achieved.
Be sure to connect the FG terminal of the EMI/
EMC Filter body to the earth.
Name Plate
OUT
IN
DIN rail



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com