Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNA Datasheet(PDF) 2 Page - COSEL CO., LTD.

Part # SNA
Description  Ripple noise attenuation type for switch mode power supplies(DC)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

SNA Datasheet(HTML) 2 Page - COSEL CO., LTD.

  SNA Datasheet HTML 1Page - COSEL CO., LTD. SNA Datasheet HTML 2Page - COSEL CO., LTD. SNA Datasheet HTML 3Page - COSEL CO., LTD. SNA Datasheet HTML 4Page - COSEL CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NF-119
SNA series (1A,3A)
External view
Mounting Hole
Mounting Plate
Name Plate
Tolerance : ±1 [±0.04]
Option harness : Refer to Instruction Manual 4
Weight : 130g max
PCB Material /thickness : CEM3 /1.6mm [0.06 inches]
Mounting plate : Iron (surface finishing : nickel plating) t=1.0 [0.04]
Case : PBT
Dimensions in mm, [ ]=inches
Keeping drawing current per pin below 2A for CN1 to CN4
[3.23]
[0.18]
[3.66]
1
4
1
4
1
4
2-f4.5
CN3
CN4
CN1
CN2
1
4
Pin No.
Function
Function
Pin No.
Function
Pin No.
-Vout
COM-out
CN3
+Vout
COM-out
3,4
1,2
CN4
3,4
1,2
CN1
+Vin
COM-in
3,4
1,2
Function
Pin No.
CN2
-Vin
COM-in
3,4
1,2
(Mfr:J.S.T)
Terminal
Mating connector
I/O Connector
CN1~CN4 B4B-XH-AM XHP-4
Bulk:BXH-001T-P0.6
Reel:SXH-001T-P0.6
93
82 ±0.5
Tolerance : ±1 [±0.04]
Weight : 140g max
PCB Material /thickness : CEM3 /1.6mm [0.06 inches]
Mounting plate : Iron (surface finishing : nickel plating) t=1.0 [0.04]
Case : PBT
Dimensions in mm, [ ]=inches
Keeping drawing current per pin below 2A for CN1 to CN4
DIN rail
Option harness : Refer to Instruction Manual 4
Mounting Plate
M4
FG
Name Plate
1
4
1
4
1
4
CN3
CN4
CN1
CN2
1
4
87.5
Pin No.
Function
Function
Pin No.
Function
Pin No.
-Vout
COM-out
CN3
+Vout
COM-out
3,4
1,2
CN4
3,4
1,2
CN1
+Vin
COM-in
3,4
1,2
Function
Pin No.
CN2
-Vin
COM-in
3,4
1,2
Terminal
Mating connector
I/O Connector
CN1~CN4 B4B-XH-AM XHP-4
(Mfr:J.S.T)
Bulk:BXH-001T-P0.6
Reel:SXH-001T-P0.6
84
[3.44]
[3.31]
Standard Type
DIN rail installation Type
¡Note when installing the EMI/EMC
Filter on a DIN rail.
When the EMI/EMC Filter is grounded through
the DIN rail, the proper noise attenuation may not
be achieved.
Be sure to connect the FG terminal of the EMI/
EMC Filter body to the earth.
Name Plate
IN
OUT
DIN rail



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com