Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNA Datasheet(PDF) 1 Page - COSEL CO., LTD.

Part # SNA
Description  Ripple noise attenuation type for switch mode power supplies(DC)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

SNA Datasheet(HTML) 1 Page - COSEL CO., LTD.

  SNA Datasheet HTML 1Page - COSEL CO., LTD. SNA Datasheet HTML 2Page - COSEL CO., LTD. SNA Datasheet HTML 3Page - COSEL CO., LTD. SNA Datasheet HTML 4Page - COSEL CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NF-118
SNA series (1A,3A)
Ripple noise attenuation type for switch mode power supplies(DC)
SNA -03 -223 -O
Ordering information
1
Model Name
2
Rated Current
3
Line to ground capacitor code:See table 1.1.
table1.1 Line to ground capacitor code
Code Line to ground capacitor (nominal value)
000
Not Provided
223
22000pF
4
Options
D :DIN rail installation type
R
1
2
3
4
Features of SNA series (1A and 3A)
Circuit Diagram
Derating Curve
50
60
70
80
-20-10
040
-40-30
71
20
0
100
80
60
40
Ambient Temperature [C]
Ripple noise attenuation type for switch mode power supplies(DC)
-
±50 VDC
-
Best filter for switch mode power supplies of
analog circuits
(ex. power supply filter for an operational amplifier)
*The dimensions change when the option is set.
Refer to External view.
¡Expected life : 10 years
Specifications
No.
Items
SNA-01-223
SNA-03-223
Interface:Connector
1
Rated Voltage DC[V]
±50 (+Vin - COM-in, -Vin - COM-in)
2
Rated Current DC[A]
1
3
3
Test Voltage (Terminal-Mounting Plate)
500 VAC (Cutoff Current = 100mA), 1minute at room temperature and humidity
4
Isolation Resistance (Terminal-Mounting Plate)
500 VDC 50MW min at room temperature and humidity
5
D.C Resistance[mW]
190 max
90 max
6
Operating temperature
-40 to +71C (Refer to Derating Curve)
7
Operating humidity
20 to 95%RH (Non condensing)
8
Storage temperature/humidity
-40 to +75C/20 to 95%RH (Non condensing)
9
Vibration
10 to 55Hz, 19.6m/s2(2G), 3min. Period, 1hour each X, Y and Z axis
10
Impact
196.1m/s2(20G), 11ms Once each X, Y and Z axis
11
Safety agency approvals
UL60950-1, C-UL (CSA60950-1), EN60950-1
12
Case size (without projection) /Weight
52X35X93 mm [2.05X1.38X3.66 inches] (WXHXD) /130g max (Option : -D refer to external view)
IN
OUT
CY
COM-out
+Vin
+Vout
-Vout
COM-in
-Vin
Co
Co
+
+
CY
: Mounting Plate
CY : Line to ground capacitor Co : Electrolytic capacitor
DIN rail installation type is option


Similar Part No. - SNA

ManufacturerPart #DatasheetDescription
logo
Powerbox
SNA-01-000 POWERBOX-SNA-01-000 Datasheet
287Kb / 1P
DC FILTER
SNA-01-223 POWERBOX-SNA-01-223 Datasheet
287Kb / 1P
DC FILTER
SNA-03-000 POWERBOX-SNA-03-000 Datasheet
287Kb / 1P
DC FILTER
SNA-03-223 POWERBOX-SNA-03-223 Datasheet
287Kb / 1P
DC FILTER
SNA-06-000 POWERBOX-SNA-06-000 Datasheet
287Kb / 1P
DC FILTER
More results

Similar Description - SNA

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
QUIETPOWER VICOR-QUIETPOWER Datasheet
144Kb / 8P
Output Ripple Attenuation SiP
logo
IXYS Corporation
AXC-051 IXYS-AXC-051 Datasheet
136Kb / 4P
ACTIVE FILTER FOR RIPPLE ATTENUATION 5A
AXC-102 IXYS-AXC-102 Datasheet
190Kb / 6P
ACTIVE FILTER FOR RIPPLE ATTENUATION 20A
logo
XFMRS Inc.
1XF0010-HO XFMRS-1XF0010-HO Datasheet
32Kb / 2P
EXCELLENT FOR AC RIPPLE AND SWITCH MODE POWER SUPPLIES
1XF0010-VO XFMRS-1XF0010-VO Datasheet
32Kb / 2P
EXCELLENT FOR AC RIPPLE AND SWITCH MODE POWER SUPPLIES
1XF0025-HO XFMRS-1XF0025-HO Datasheet
32Kb / 2P
EXCELLENT FOR AC RIPPLE AND SWITCH MODE POWER SUPPLIES
1XF0025-VO XFMRS-1XF0025-VO Datasheet
32Kb / 2P
EXCELLENT FOR AC RIPPLE AND SWITCH MODE POWER SUPPLIES
1XF0050-HO XFMRS-1XF0050-HO Datasheet
32Kb / 2P
EXCELLENT FOR AC RIPPLE AND SWITCH MODE POWER SUPPLIES
1XF0075-VO XFMRS-1XF0075-VO Datasheet
32Kb / 2P
EXCELLENT FOR AC RIPPLE AND SWITCH MODE POWER SUPPLIES
1XF0250-HO XFMRS-1XF0250-HO Datasheet
32Kb / 2P
EXCELLENT FOR AC RIPPLE AND SWITCH MODE POWER SUPPLIES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com