Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNA Datasheet(PDF) 3 Page - COSEL CO., LTD.

Part # SNA
Description  Ripple noise attenuation type for switch mode power supplies(DC)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

SNA Datasheet(HTML) 3 Page - COSEL CO., LTD.

  SNA Datasheet HTML 1Page - COSEL CO., LTD. SNA Datasheet HTML 2Page - COSEL CO., LTD. SNA Datasheet HTML 3Page - COSEL CO., LTD. SNA Datasheet HTML 4Page - COSEL CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NF-120
SNA series (6A)
Ripple noise attenuation type for switch mode power supplies(DC)
SNA -06 -223 -O
Ordering information
R
1
2
3
4
Features of SNA series (6A)
Circuit Diagram
Derating Curve
Ripple noise attenuation type for switch mode power supplies(DC)
-
±50 VDC
-
Best filter for switch mode power supplies of
analog circuits
(ex. power supply filter for an operational amplifier)
50
60
70
80
-20-10
040
-40-30
71
20
0
100
80
60
40
Ambient Temperature [C]
1
Model Name
2
Rated Current
3
Line to ground capacitor code:See table 1.1.
table1.1 Line to ground capacitor code
Code Line to ground capacitor (nominal value)
000
Not Provided
223
22000pF
4
Options
D :DIN rail installation type
T :Terminal block type
DT :Terminal block and DIN rail type
¡Expected life : 10 years
Specifications
No.
Items
SNA-06-223
Interface:Connector
1
Rated Voltage DC[V]
±50 (+Vin - COM-in, -Vin - COM-in)
2
Rated Current DC[A]
6
3
Test Voltage (Terminal-Mounting Plate)
500 VAC (Cutoff Current = 100mA), 1minute at room temperature and humidity
4
Isolation Resistance (Terminal-Mounting Plate)
500 VDC 50MW min at room temperature and humidity
5
D.C Resistance[mW]
50 max
6
Operating temperature
-40 to +71C (Refer to Derating Curve)
7
Operating humidity
20 to 95%RH (Non condensing)
8
Storage temperature/humidity
-40 to +75C/20 to 95%RH (Non condensing)
9
Vibration
10 to 55Hz, 19.6m/s2 (2G), 3min. Period, 1hour each X, Y and Z axis
10
Impact
196.1m/s2 (20G), 11ms Once each X, Y and Z axis
11
Safety agency approvals
UL60950-1, C-UL (CSA60950-1), EN60950-1
12
Case size (without projection) /Weight
52X35X117 mm [2.05X1.38X4.61 inches] (WXHXD) /150g max (Option : -D, -T, -DT refer to external view)
IN
OUT
CY
COM-out
+Vin
+Vout
-Vout
COM-in
-Vin
Co
Co
+
+
CY
: Mounting Plate
CY : Line to ground capacitor Co : Electrolytic capacitor
*The dimensions change when the option is set.
Refer to External view.
DIN rail installation type and Terminal block type are option
Terminal block type
DIN rail installation type



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com