Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAA271041 Datasheet (PDF) - Renesas Technology Corp

RAA271041 Datasheet PDF - Renesas Technology Corp
Part # RAA271041
Download  RAA271041 Download
File Size   2748.24 Kbytes
Page   55 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Cold Crank Boost and Buck Controller with Drivers for ASIL-D Automotive Applications

RAA271041 Datasheet (PDF)

Go To PDF Page Download Datasheet
RAA271041 Datasheet PDF - Renesas Technology Corp

Part # RAA271041
Download  RAA271041 Click to download

File Size   2748.24 Kbytes
Page   55 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Cold Crank Boost and Buck Controller with Drivers for ASIL-D Automotive Applications

RAA271041 Datasheet (HTML) - Renesas Technology Corp


RAA271041 Product details

▪ ASIL-D Functional Safety
▪ 42V boost and buck integrated driver controller
▪ FET drivers support source/sink current of 1A/1A
for high-side, and 1A/1.5A for low-side
▪ Low IQ with ECM mode of 8μA typical (buck Channel 1 only)
▪ Separate or Combined Wake (Enable) inputs for each channel
▪ Minimized FET ON and OFF times (25ns and 45ns)
▪ High-efficiency buck exceeding 80% at 10mA
▪ Buck frequency options 440kHz or 2.2MHz
▪ Boost frequency options 440kHz or 2.2MHz
(2.2MHz Boost requires 2.2MHz Buck frequency)
▪ VBATS sense for boost enable during cold crank
▪ Optional pseudo-random spread spectrum clocking
▪ External synchronization using SYNC pin
▪ Dual Over-temperature protection monitors
▪ Extensive protection mechanisms for OV/UV/OC/OT
▪ 6x6mm 36Ld SC-QFN package
▪ AEC-Q100 grade 1 qualified
▪ Functional Safety Features
• Built-in Self Test (LBIST and ABIST) at power up
• Recurring Checks: Internal References, PWM
clock, System Clock, PGND/AGND connection,
Dual Over-Temperature monitor, VCC supply, Logic Pin Stuck Low.
• Independent References and feedback sense
paths for Buck and Boost OV/UV detection
• Independent Fault Indicators for Buck and Boost
• Fail-Safe Output, logic high indicates a trusted
device state and all safety monitors are active.




Similar Part No. - RAA271041

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA271000 RENESAS-RAA271000 Datasheet
2Mb / 105P
General-Purpose Power Management IC for Automotive Applications
May 23, 2022
RAA271000 RENESAS-RAA271000 Datasheet
3Mb / 107P
General-Purpose Power Management IC for Automotive Applications
Jun 23, 2025
RAA271000A4HBG#AC0 RENESAS-RAA271000A4HBG#AC0 Datasheet
3Mb / 107P
General-Purpose Power Management IC for Automotive Applications
Jun 23, 2025
RAA271000 RENESAS-RAA271000_V01 Datasheet
3Mb / 107P
General-Purpose Power Management IC for Automotive Applications
Jun 23, 2025
RAA271005 RENESAS-RAA271005 Datasheet
6Mb / 234P
General Purpose IC for Power Management Applications
Nov 20, 2025
More results


Similar Description - RAA271041

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6313 INTERSIL-ISL6313 Datasheet
894Kb / 33P
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
March 5, 2007
ISL6314CRZ-T INTERSIL-ISL6314CRZ-T Datasheet
820Kb / 32P
Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
October 8, 2009
ISL6314CRZ INTERSIL-ISL6314CRZ Datasheet
823Kb / 32P
Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
October 8, 2009
logo
Allegro MicroSystems
A4450 ALLEGRO-A4450 Datasheet
680Kb / 34P
Buck-Boost Controller with Integrated Buck MOSFET
logo
Renesas Technology Corp
ISL6314 RENESAS-ISL6314 Datasheet
1Mb / 32P
Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
logo
STMicroelectronics
SPC58EEX STMICROELECTRONICS-SPC58EEX Datasheet
2Mb / 154P
32-bit Power Architecture microcontroller for automotive ASIL-D applications
01-Jul-2019
SPC584G80C3 STMICROELECTRONICS-SPC584G80C3 Datasheet
2Mb / 139P
32-bit Power Architecture microcontroller for automotive ASIL-D applications
26-Jul-2019
SPC584NX STMICROELECTRONICS-SPC584NX Datasheet
2Mb / 158P
32-bit Power Architecture microcontroller for automotive ASIL-D applications
06-Dec-2021
logo
Renesas Technology Corp
ISL78263 RENESAS-ISL78263 Datasheet
1Mb / 38P
Automotive 42V Dual Synchronous Boost and Low-Iq Buck Controllers with Integrated Drivers
Oct 22, 2021
ISL78264 RENESAS-ISL78264 Datasheet
1Mb / 33P
Automotive Dual Synchronous Buck Controller with Integrated Drivers
Oct 14, 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com