Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6996 Datasheet (PDF) - STMicroelectronics

L6996 Datasheet PDF - STMicroelectronics
Part # L6996
Download  L6996 Download
File Size   366.05 Kbytes
Page   26 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DINAMICALLY PROGRAMMABLE SYNCHRONOUS STEP DOWN CONTROLLER FOR MOBILE CPUs

L6996 Datasheet (PDF)

Go To PDF Page Download Datasheet
L6996 Datasheet PDF - STMicroelectronics

Part # L6996
Download  L6996 Click to download

File Size   366.05 Kbytes
Page   26 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DINAMICALLY PROGRAMMABLE SYNCHRONOUS STEP DOWN CONTROLLER FOR MOBILE CPUs

L6996 Datasheet (HTML) - STMicroelectronics


L6996 Product details

DESCRIPTION
The device is dc-dc controller specifically designed to provide extremely high efficiency conversion for mobile advanced microprocessors.
The "constant on-time" topology assures fast load transient response. The embedded "voltage feedforward" provides nearly constant switching frequency operation.
A precise 5-bit DAC allows select output voltage from 0.6V to 1V with 25mV steps and from 1V to 1.75V with 50mV steps.
L6996 is capable of supporting CPUs VID combination changing during normal operation.
The active droop allows adjust both the output loadline slope and the zero-load output voltage.

■ 5 BIT DAC WITH AVAILABLE EXTERNAL OUTPUT VOLTAGE.
■ 0.6 TO 1.750V, DYNAMICALLY ADJUSTABLE OUTPUT VOLTAGE RANGE.
■ ±1% OUTPUT ACCURACY OVER LINE AND LOAD.
■ ACTIVE DROOP.
■ CONSTANT ON TIME TOPOLOGY ALLOWS LOW DUTY CYCLE AND FAST LOAD TRANSIENT.
■ 90% EFFICIENCY FROM 12V TO 1.35V/8A.
■ 1.750V TO 28V BATTERY INPUT RANGE.
■ OPERATING FREQUENCY UP TO 1MHZ.
■ INTEGRATED HIGH CURRENT DRIVERS.
■ LATCHED OVP AND UVP PROTECTIONS. OCP PROTECTION.
■ 350µA TYP. QUIESCENT CURRENT.
■ 7µA TYP. SHUTDOWN SUPPLY CURRENT.
■ PGOOD AND OVP SIGNALS.
■ ZERO-CURRENT DETECTION AND PULSEFREQUENCY MODE.

APPLICATIONS
■ ADVANCED MOBILE CPUs SUPPLY WITH DYNAMIC TRANSITIONS.
■ NOTEBOOK/LAPTOP, CONCEPT PC CPUs SUPPLY.
■ DC/DC FROM BATTERY SUPPLY EQUIPMENTS.




Similar Part No. - L6996

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6995 STMICROELECTRONICS-L6995 Datasheet
336Kb / 25P
STEP DOWN CONTROLLER FOR HIGH DIFFERENTIAL INPUT-OUTPUT CONVERSION
Dec-2002
L6995D STMICROELECTRONICS-L6995D Datasheet
336Kb / 25P
STEP DOWN CONTROLLER FOR HIGH DIFFERENTIAL INPUT-OUTPUT CONVERSION
Dec-2002
L6995DTR STMICROELECTRONICS-L6995DTR Datasheet
336Kb / 25P
STEP DOWN CONTROLLER FOR HIGH DIFFERENTIAL INPUT-OUTPUT CONVERSION
Dec-2002
L6995S STMICROELECTRONICS-L6995S Datasheet
478Kb / 26P
LOSSLESS CURRENT LIMIT
Apr-2004
L6995STR STMICROELECTRONICS-L6995STR Datasheet
478Kb / 26P
LOSSLESS CURRENT LIMIT
Apr-2004
More results


Similar Description - L6996

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1717 MAXIM-MAX1717 Datasheet
501Kb / 32P
Dynamically Adjustable, Synchronous Step-Down Controller for Notebook CPUs
19-1636; Rev 0; 1/00
logo
STMicroelectronics
L6911D STMICROELECTRONICS-L6911D Datasheet
233Kb / 17P
5 BIT PROGRAMMABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
Nov-2001
logo
Vishay Siliconix
SIP12201 VISHAY-SIP12201 Datasheet
865Kb / 11P
Synchronous Step Down Controller
10-Oct-05
SIP12202 VISHAY-SIP12202 Datasheet
768Kb / 10P
Synchronous Step Down Controller
10-Oct-05
logo
STMicroelectronics
L6911E STMICROELECTRONICS-L6911E Datasheet
152Kb / 20P
5 BIT PROGRAMMABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
Nov-2001
L6911C STMICROELECTRONICS-L6911C Datasheet
351Kb / 20P
5 BIT PROGRAMMABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
Nov-2001
L6911E STMICROELECTRONICS-L6911E_07 Datasheet
482Kb / 34P
5-Bit programmable step down controller with synchronous rectification
10-Apr-2007
logo
ON Semiconductor
NCP5212A ONSEMI-NCP5212A Datasheet
336Kb / 19P
Single Synchronous Step-Down Controller
May, 2009 ??Rev. 0
NCP81045 ONSEMI-NCP81045 Datasheet
302Kb / 17P
Single Synchronous Step-Down Controller
October, 2012 ??Rev. P0
logo
Intersil Corporation
ISL8117 INTERSIL-ISL8117 Datasheet
918Kb / 23P
Synchronous Step-down PWM Controller
June 4, 2015
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com