Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6996 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L6996
Description  DINAMICALLY PROGRAMMABLE SYNCHRONOUS STEP DOWN CONTROLLER FOR MOBILE CPUs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6996 Datasheet(HTML) 2 Page - STMicroelectronics

  L6996 Datasheet HTML 1Page - STMicroelectronics L6996 Datasheet HTML 2Page - STMicroelectronics L6996 Datasheet HTML 3Page - STMicroelectronics L6996 Datasheet HTML 4Page - STMicroelectronics L6996 Datasheet HTML 5Page - STMicroelectronics L6996 Datasheet HTML 6Page - STMicroelectronics L6996 Datasheet HTML 7Page - STMicroelectronics L6996 Datasheet HTML 8Page - STMicroelectronics L6996 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
L6996
2/26
ABSOLUTE MAXIMUM RATINGS
THERMAL DATA
PIN CONNECTION
Symbol
Parameter
Value
Unit
VCC
VCC to GND
-0.3 to 6
V
VDR
VDR to GND
-0.3 to 6
V
HGATE and BOOT, to PHASE
-0.3 to 6
V
HGATE and BOOT, to PGND
-0.3 to 36
V
VPHASE
PHASE
-0.3 to 30
V
LGATE to PGND
-0.3 to VDR+0.3
V
ILIM, VFB+, VFB-, CS-, CS+, SHDN, VID0-4, PGOOD, OVP,
VPROG to GND
-0.3 to VCC+0.3
V
Ptot
Maximum Power dissipation at Tamb = 25°C
1
W
Tj
Junction operating temperature range
0 to 125
°C
Tstg
Storage temperature range
-55 to 125
°C
Symbol
Parameter
Value
Unit
Rth j-amb
Thermal Resistance Junction to Ambient
125
°C/ W
VID2
VID1
VID0
PGND
PGOOD
SHDN
OVP
ILIM
VFB+
CS+
CS-
LGATE
PHASE
VDR
HGATE
BOOT
VID4
VID3
1
3
2
4
5
6
7
8
9
18
17
16
15
14
22
13
21
19
10
20
VFB-
VCC
11
12
23
24
OSC
SS
GND
VPROG
TSSOP24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com