Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6996 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6996
Description  DINAMICALLY PROGRAMMABLE SYNCHRONOUS STEP DOWN CONTROLLER FOR MOBILE CPUs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6996 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6996 Datasheet HTML 7Page - STMicroelectronics L6996 Datasheet HTML 8Page - STMicroelectronics L6996 Datasheet HTML 9Page - STMicroelectronics L6996 Datasheet HTML 10Page - STMicroelectronics L6996 Datasheet HTML 11Page - STMicroelectronics L6996 Datasheet HTML 12Page - STMicroelectronics L6996 Datasheet HTML 13Page - STMicroelectronics L6996 Datasheet HTML 14Page - STMicroelectronics L6996 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
11/26
L6996
conditions are met contemporarily: the PWM comparator output is low (i.e. the output voltage is below the ref-
erence voltage), the minimum off time is passed and the current limit comparator is not triggered (i.e. the induc-
tor current is under the current limit programmed value). The voltage on the OSC pin must range between 50mV
and 2V to ensure the system linearity.
1.2 Closing the loop
The loop is closed connecting the output voltage to the FB- pin. The FB- pin is linked internally to the comparator
negative pin and the positive pin is connected to the programmed voltage as in Figure 12. When the FB- goes
lower than FB+, the PWM comparator output goes high and sets the flip-flop output, turning on the high side
MOSFET. This condition is latched to avoid noise spike. After the on-time (calculated as described in the pre-
vious section) the system resets the flip-flop and then turns off the high side MOSFET and turns on the low side
MOSFET. Internally the device has more complex logic than a flip-flop to manage the transition in correct way.
For more details refers to the schematic Fig. 1. Because the system implements a valley loop control, the aver-
age output voltage is different from the programmed one as shown in figure 13.
Figure 13. Valley Regulation
Figure 14. Voltage positioning network
The L6996 performs an externally adjustable active droop, achieving a 4m V/A load line slope using a 1.5m
Ω
sense resistor without use an external amplifier. Focusing the attention on the control part of the system (Figure
14), it can be considered that the inductor current can revert (the PFM function is deal towards) and the current
Time
Vout
Vref
<Vout>
DC Error Offset
R4
R1
L6996
Vprog
R3
R2
To Vout
Rsense
To inductor
-
+
VFB-
VFB+
COMPARATOR
PWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com