Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6996 Datasheet(PDF) 23 Page - STMicroelectronics

Part # L6996
Description  DINAMICALLY PROGRAMMABLE SYNCHRONOUS STEP DOWN CONTROLLER FOR MOBILE CPUs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6996 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L6996 Datasheet HTML 18Page - STMicroelectronics L6996 Datasheet HTML 19Page - STMicroelectronics L6996 Datasheet HTML 20Page - STMicroelectronics L6996 Datasheet HTML 21Page - STMicroelectronics L6996 Datasheet HTML 22Page - STMicroelectronics L6996 Datasheet HTML 23Page - STMicroelectronics L6996 Datasheet HTML 24Page - STMicroelectronics L6996 Datasheet HTML 25Page - STMicroelectronics L6996 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
23/26
L6996
POWER SECTION
SENSE RESISTOR
It is important, for this component, to keep in mind three factor: it must be able to dissipate high power. Again
its variation with the temperature must be small and the precision must be high to ensure high precision with the
ST voltage droop function.
INPUT CAPACITOR
For this components can be useful control the temperature coefficient and the equivalent serie resistor and the
voltage rated.
OUTPUT CAPACITOR
For this components can be useful control the temperature coefficient and the equivalent series resistor and the
voltage rated.
INDUCTOR
For the inductor important factors are the saturation current and the equivalent series resistor (for the efficiency
improvements)
POWER MOS
Note N.M.=Not Mounted.
For the MOSFET choose is important to know the input voltage and output voltage. The MOSFET must able
Part name
Value
Part number
Manufacturer
Notes
R14, R17
3m
Ω
ERJM1WSF3M0U
PANASONIC
1%
Part name
Value
Part number
Manufacturer
Notes
C12,C13,C14,C15,C16,C17
10
µF
ECJ5YB1E106M
PANASONIC
25V ceramic
10
µF
ECJ5YF1E106M
PANASONIC
25V ceramic
10
µF
C34Y5U1E106ZTE12
TOKIN
25V ceramic
10
µF
GMK325F106ZH
TAIYO-YUDEN
35V ceramic
10
µF
TMK325F106ZH
TAIYO-YUDEN
25V ceramic
10
µF
TMK432BJ106MM
TAIYO-YUDEN
25V ceramic
Part name
Value
Part number
Manufacturer
Notes
C18,C19,C20,C21,C22,C23
270
µF
EEFUE0D271R
PANASONIC
2V
C18,C19,C20,C21,C22
330
µF
EEFUE0D271R
PANASONIC
2V
Part name
Value
Part number
Manufacturer
Notes
L1
0.6
µF
ETQP6F0R6BFA
PANASONIC
0.6
µF
A959AS-R60N
TOKO
0.6
µF
CEP12D38H-0R6
SUMIDA
Part name
Value
Part number
Manufacturer
Notes
High side
Q1, Q2
STS11NF3LL
STS11F3LL
STMicroelectronics
STSJ25NF3LL
STSJ25NF3LL
STMicroelectronics
Low Side
Q3, Q4
STS17NH3LL
STS17NH3LL
STMicroelectronics
Q5 N.M
STS25NH3LL
STS25NH3LL
STMicroelectronics
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com