Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6996 Datasheet(PDF) 22 Page - STMicroelectronics

Part # L6996
Description  DINAMICALLY PROGRAMMABLE SYNCHRONOUS STEP DOWN CONTROLLER FOR MOBILE CPUs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6996 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L6996 Datasheet HTML 18Page - STMicroelectronics L6996 Datasheet HTML 19Page - STMicroelectronics L6996 Datasheet HTML 20Page - STMicroelectronics L6996 Datasheet HTML 21Page - STMicroelectronics L6996 Datasheet HTML 22Page - STMicroelectronics L6996 Datasheet HTML 23Page - STMicroelectronics L6996 Datasheet HTML 24Page - STMicroelectronics L6996 Datasheet HTML 25Page - STMicroelectronics L6996 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
L6996
22/26
Table 3. Component List
The component list is shared in two sections: the first for logic and general-purpose component, the second for
power section:
GENERAL PURPOSE COMPONENTS
Part name
Value
Part number
Manufacturer
Notes
R1, R2, R3, R4, R5, R6,
R7, R9, R18, R19, R24
33k
Ω
R8
47k
Ω
R10
120k
Ω
Current limit resistors
(to set the current limit)
R11
30k
Ω
R12
1.66k
Ω
Voltage positioning
resistors
R13
1k
Ω
R15
560k
Ω
Input resistor divider (to
set the switching
frequency)
R16
27k
Ω
R20
130k
Ω
IMVPII resistor network
R21
39k
Ω
R22
36k
Ω
R23
270k
Ω
C1
47
µF
Tantalum/SP
C2, C3
100nF
C4
220nF
C5
220nF
C6
10nF
C7
220nF
C8
6.8nF
Voltage positioning
capacitor
C9
47pF
C10
10nF
C11
47pF
U2, U6, U8
Or gate
NC7SZ32M5
FAIRCHILD
Logic network
U9, U7
Inverter gate
NC7SZ04P5
FAIRCHILD
U3,U4,U5
Nor gate
NC7SZ02P5
FAIRCHILD
D1
BAT54A
BAT54A
PHILIPS
Q5,Q6,Q7,Q8
BSS131
Q62702-S565
INFINEON
SW1, SW2
DIP SWITCH
*1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com