Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6996 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L6996
Description  DINAMICALLY PROGRAMMABLE SYNCHRONOUS STEP DOWN CONTROLLER FOR MOBILE CPUs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6996 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L6996 Datasheet HTML 16Page - STMicroelectronics L6996 Datasheet HTML 17Page - STMicroelectronics L6996 Datasheet HTML 18Page - STMicroelectronics L6996 Datasheet HTML 19Page - STMicroelectronics L6996 Datasheet HTML 20Page - STMicroelectronics L6996 Datasheet HTML 21Page - STMicroelectronics L6996 Datasheet HTML 22Page - STMicroelectronics L6996 Datasheet HTML 23Page - STMicroelectronics L6996 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
L6996
20/26
3.5 Power MOSFET and Schottky Diodes
Since a 5V bus powers the gate drivers of the device, the use of logic-level MOSFET is highly recommended,
especially for high current applications. The breakdown voltage VBRDSS must be greater than VINMAX with a
certain margin, so the selection will address 20V or 30V devices (depends on applications).
The RDSON can be selected once the allowable power dissipation has been established. By selecting identical
Power MOSFET as the main switch and the synchronous rectifier, the total power they dissipate does not de-
pend on the duty cycle. Thus, if PON is this power loss (few percent of the rated output power), the required
RDSON (@ 25 °C) can be derived from:
Eq 22
α is the temperature coefficient of RDS(ON) (typically, a = 5*10-3 °C-1 for these low-voltage classes) and T the
admitted temperature rise. It is worth noticing, however, that generally the lower RDSON, the higher is the gate
charge QG, which leads to a higher gate drive consumption. In fact, each switching cycle, a charge Q G moves
from the input source to ground, resulting in an equivalent drive current:
Eq 23
The Schottky diode to be placed in parallel to the synchronous rectifier must have a reverse voltage VRRM
greater than VINMAX.
For this application are selected: two high side MOSFET STS11NF3LL and two STS17NF3LL for the low side
section.
3.6 RSENSE selection
The droop function consists to change the output voltage changing the output current; at high output current the
output voltage is lower than the reference voltage. To implement the droop function, for the high current status,
we use the RSENSE resistor in series to the inductor. Since inductor current can be very high, so the resistor
must be capable to dissipate high power. Moreover we use the sense resistor to measure the output current for
the current limit feature, so the RSENSE value must be very accurate also for temperature variation. To ensure
higher temperature stability it could possible to split the RSENSE value. To achieve high efficiency also the
RSENSE value must be as low as possible, so the Active voltage droop implemented in L6996 is very useful. For
this application it are selected two 3mohms resistors from PANASONIC.
3.7 VP Network Design
The voltage-positioning network is selected by the load regulation needed. In this application wit is considered
4mV/A; with a RSENSE resistor around 1.5mohms it can be used a gain around 2.66 and so a rate between R1
and R2 around 1.66 from the Eq6.
It can be selected:
R1=1.66K
Ω
R2=1K
Ω
A capacitor CVP1 is required in parallel with RVP1 to correctly compensate the network response. Its value is
given by the following equation:
Eq 24
where COUT is the output capacitor value. When CVP1 is well chosen, a step decrease of output voltage should
be observed, as an effect of a step load increase. Too small or too large CVP1 produces overshoot or undershoot
instead of a step waveform.
RD S
ON
P
ON
Iou t
2
1
α
T
∆
⋅
+
()
⋅
-------------------------------------------------
=
Iq
Q g F
SW
⋅
=
C
VP1
ESRC
OUT
C
OUT
1
R
VP1
--------------
1
R
VP2
--------------
+


⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com