Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6996 Datasheet(PDF) 21 Page - STMicroelectronics

Part # L6996
Description  DINAMICALLY PROGRAMMABLE SYNCHRONOUS STEP DOWN CONTROLLER FOR MOBILE CPUs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6996 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L6996 Datasheet HTML 17Page - STMicroelectronics L6996 Datasheet HTML 18Page - STMicroelectronics L6996 Datasheet HTML 19Page - STMicroelectronics L6996 Datasheet HTML 20Page - STMicroelectronics L6996 Datasheet HTML 21Page - STMicroelectronics L6996 Datasheet HTML 22Page - STMicroelectronics L6996 Datasheet HTML 23Page - STMicroelectronics L6996 Datasheet HTML 24Page - STMicroelectronics L6996 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
21/26
L6996
With our parameter:
CVP1 = 7.8pF
No-load offset is obtained by RVP3 and of a current source internally connected to VFB+ pin. Thus:
Eq 25
where IOFFSET = 5µA.
The capacitor CVP3 in parallel to RVP3 is a filter which time constant can be the same as in Eq22, so
Eq 26
3.8 Input divider
The input divider can be selected with the Eq1, Eq2, Eq3 . Choosing a switching frequency around 270kHz it
results:
αOSC = 0.048.
R1 = 560K
Ω
R2 = 27K
Ω
3.9 Current limit resistor
From the Eq12 it can be set the current limit resistor, for the positive current limit; it results:
R10 + R11 = 120K
Ω
The negative current limit is set by the time available for the negative dynamic transition; a value around 30K
Ω
for R10 is a match between negative peak current and time to end the dynamic transition (around 80mS).
R10=150KW
R11=30KW
3.10 Softstart capacitor
The soft start capacitor is selected once the soft start time is imposed. It can be consider a soft start time around
1ms. The soft start capacitor is given by:
Eq 27
Where
∆VSS is the soft start active range and ∆T is the soft stat time. From Eq 28 results: CSS = 10nF.
R
VP3
V
OUT I
,
0
=
V
PRO G
–
I
O F FSET
-----------------------------------------------------
1
R
VP2
R
VP1
--------------
1
+
------------------------
=
C
VP3
ESRC
OU T
C
OUT
⋅
R
VP 3
-------------------------------------------------
=
C
SS
I
lim
T
∆
⋅
V
ss
∆
--------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com