Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6996 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6996
Description  DINAMICALLY PROGRAMMABLE SYNCHRONOUS STEP DOWN CONTROLLER FOR MOBILE CPUs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6996 Datasheet(HTML) 5 Page - STMicroelectronics

  L6996 Datasheet HTML 1Page - STMicroelectronics L6996 Datasheet HTML 2Page - STMicroelectronics L6996 Datasheet HTML 3Page - STMicroelectronics L6996 Datasheet HTML 4Page - STMicroelectronics L6996 Datasheet HTML 5Page - STMicroelectronics L6996 Datasheet HTML 6Page - STMicroelectronics L6996 Datasheet HTML 7Page - STMicroelectronics L6996 Datasheet HTML 8Page - STMicroelectronics L6996 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
5/26
L6996
Table 1. DAC Output Voltage
UVP
Under voltage trip
CS- falling
66
69
72
%
PGOOD
Upper threshold
(CS-/VPROG)
CS- rising; PGOOD active
109
112
115
%
PGOOD
Lower threshold
(CS-/VPROG)
CS- falling; PGOOD active
84
87
90
%
Ron
PGOOD
ISOURCE=2mA
40
60
100
Ω
VID4
VID3
VID2
VID1
VID0
Output Voltage (V)
11
1
1
1
0.600
11
1
1
0
0.625
11
1
0
1
0.650
11
1
0
0
0.675
11
0
1
1
0.700
11
0
1
0
0.725
11
0
0
1
0.750
11
0
0
0
0.775
10
1
1
1
0.800
10
1
1
0
0.825
10
1
0
1
0.850
10
1
0
0
0.875
10
0
1
1
0.900
10
0
1
0
0.925
10
0
0
1
0.950
10
0
0
0
0.975
01
1
1
1
1.000
01
1
1
0
1.050
01
1
0
1
1.100
01
1
0
0
1.150
01
0
1
1
1.200
01
0
1
0
1.250
01
0
0
1
1.300
01
0
0
0
1.350
00
1
1
1
1.400
00
1
1
0
1.450
00
1
0
1
1.500
00
1
0
0
1.550
00
0
1
1
1.600
00
0
1
0
1.650
00
0
0
1
1.700
00
0
0
0
1.750
ELECTRICAL CHARACTERISTICS (continued)
(VCC = VDR = 5V; Tamb = 0°C to 70°C unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com