Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6996 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6996
Description  DINAMICALLY PROGRAMMABLE SYNCHRONOUS STEP DOWN CONTROLLER FOR MOBILE CPUs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6996 Datasheet(HTML) 3 Page - STMicroelectronics

  L6996 Datasheet HTML 1Page - STMicroelectronics L6996 Datasheet HTML 2Page - STMicroelectronics L6996 Datasheet HTML 3Page - STMicroelectronics L6996 Datasheet HTML 4Page - STMicroelectronics L6996 Datasheet HTML 5Page - STMicroelectronics L6996 Datasheet HTML 6Page - STMicroelectronics L6996 Datasheet HTML 7Page - STMicroelectronics L6996 Datasheet HTML 8Page - STMicroelectronics L6996 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
3/26
L6996
PIN FUNCTIONS
N
Name
Description
1,2,3,
23,24
VID4-0
Voltage Identification inputs. VID0 is the LSB and VID4 is the MSB for the DAC (see VID table)
4
CS-
This pin is used for both current sensing and to detect overvoltage and undervoltage
conditions.
5
CS+
Current sense pin. Overcurrent condition is detected by sensing CS+ to CS- voltage.
6
VCC
Supply voltage for analogy blocks. Connect it to 5V bus.
7
GND
Signal ground
8
VPROG
DAC output voltage. This pin provides the voltage programmed by the DAC. Connect a 10nF
capacitor between this pin and GND.
9
VFB+
PWM comparator reference input. Connect this pin to VPROG.
An additional external voltage divider between output and VPROG may be used to realize the
active droop function.
10
VFB-
PWM comparator feedback input, to be connected to the regulated output.
By inserting a resistor between this pin and the regulated output, a positive offset can be
added to the output voltage.
11
OSC
Connect this pin to the battery through a voltage divider in order to provide the voltage
feedforward feature.
12
SS
Soft start pin. 5
µA constant current charges an external capacitor whose value sets the soft-
start time.
13
ILIM
An external resistor connected between this pin and GND sets the current limit threshold.
14
SHDN
ShutDown input. When connected to GND the device stops working. When high, it enables
the IC operation.
15
OVP
Open drain output. The pull-down transistor is off either in OV condition or during a VID
transition.
16
PGOOD
Open drain output. The pull-down transistor is on during soft-start, dynamic transitions and
when an output voltage fault occurs.
17
PGND
Power Ground. This pin has to be connected close to the low side MOSFET source in order to
minimize switching noise.
18
LGATE
Lower MOSFET gate driver output.
19
VDR
Voltage supply for the low side internal driver.
20
PHASE
This pin provides the return path of the high side driver.
21
HGATE
High side MOSFET driver output.
22
BOOT
Bootstrap capacitor pin. The high side driver is supplied through this pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com