Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6996 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L6996
Description  DINAMICALLY PROGRAMMABLE SYNCHRONOUS STEP DOWN CONTROLLER FOR MOBILE CPUs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6996 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L6996 Datasheet HTML 12Page - STMicroelectronics L6996 Datasheet HTML 13Page - STMicroelectronics L6996 Datasheet HTML 14Page - STMicroelectronics L6996 Datasheet HTML 15Page - STMicroelectronics L6996 Datasheet HTML 16Page - STMicroelectronics L6996 Datasheet HTML 17Page - STMicroelectronics L6996 Datasheet HTML 18Page - STMicroelectronics L6996 Datasheet HTML 19Page - STMicroelectronics L6996 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
L6996
16/26
2
APPLICATION INFORMATION
2.1 Demo board description
The demoboard shows the device operation in general purpose applications. The evaluation board needs two
different supplies; one for the IC section (5V), and another for the conversion section (up to 28V). Output current
in excess of 20A can be reached dependently on the MOSFET type. The SW1 is used to start the device (when
the supplies are already present) and to select the VID code (i.e. the output voltage).
Figure 16. Schematic Diagram
C1
+5V
+5V
U7
U5
U6
U8
U2
PGOOD
GNDSENSE
C2
+5V
OVP
VPR
C3
+5V
Q8
Q7
Q6
U4
U3
Rout
VOUTSENSE
+5V
+5V
+5V
+5V
+5V
+5V
+5V
+5V
R18
R19
R24
C7
+5V
R20
R21
R22
R23
SHDN
DPSLVR
+5V
DPSLP
+5V
VID4:0
GMUXSEL
U9
R14
D2
L6996
PGOOD
OVP
VPROG
VFB+
VFB-
CS-
CS+
GND
PGND
LGATE
PHASE
HGATE
ILIM
BOOT
OSC
SS
VID4:0
R2..R6
R1
C10
R9
R7
C4
R16
C9
R15
C6
R8
VIN
VOUT
GND
C8
C11
R11
R10
Q5
R12
R13
R17
C5
SHDN
+5V
C18..C23
C12..C17
L1
GND
GND
D1
Q3,4,5
Q1,2
+5V
+5V
U1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com