Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6996 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6996
Description  DINAMICALLY PROGRAMMABLE SYNCHRONOUS STEP DOWN CONTROLLER FOR MOBILE CPUs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6996 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6996 Datasheet HTML 5Page - STMicroelectronics L6996 Datasheet HTML 6Page - STMicroelectronics L6996 Datasheet HTML 7Page - STMicroelectronics L6996 Datasheet HTML 8Page - STMicroelectronics L6996 Datasheet HTML 9Page - STMicroelectronics L6996 Datasheet HTML 10Page - STMicroelectronics L6996 Datasheet HTML 11Page - STMicroelectronics L6996 Datasheet HTML 12Page - STMicroelectronics L6996 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
9/26
L6996
Figure 10. Typical Application with Active Voltage Droop
Figure 11. Typical Application without Active Voltage Droop
R
IL
VIN1
M
R
OUT
C
C
BOOT
V
IN
PU1
C
SS
R
R
IL2
R
PU2
R
V5
VPROG
C
IL1
V52
C
C
VP3
R
V51
C
SHDN
R
VP3
C
VP1
VP1
R
VP2
R
VIN2
SENSE
R
C
OUT1
VID4:0
SS
OSC
BOOT
ILIM
HGATE
PHASE
LGATE
PGND
GND
CS+
CS-
VFB-
5V
VFB+
L
V
OUT
CPU
HS
LS
DS
VPROG
D
BOOT
L6996
PGOOD
OVP
R
R
OUT
C
C
VIN1
C
V52
IL1
R
V5
R
IL
IN
V
VPROG
C
M
PU1
C
V51
C
SENSE
R
SHDN
C
R
IL2
R
BOOT
VIN2
PU2
R
SS
OUT1
VID4:0
SS
OSC
BOOT
ILIM
HGATE
PHASE
LGATE
PGND
GND
CS+
L
DS
D
CS-
VFB-
V
OUT
CPU
HS
LS
VFB+
5V
BOOT
L6996
PGOOD
OVP
VPROG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com