Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6996 Datasheet(PDF) 19 Page - STMicroelectronics

Part # L6996
Description  DINAMICALLY PROGRAMMABLE SYNCHRONOUS STEP DOWN CONTROLLER FOR MOBILE CPUs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6996 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L6996 Datasheet HTML 15Page - STMicroelectronics L6996 Datasheet HTML 16Page - STMicroelectronics L6996 Datasheet HTML 17Page - STMicroelectronics L6996 Datasheet HTML 18Page - STMicroelectronics L6996 Datasheet HTML 19Page - STMicroelectronics L6996 Datasheet HTML 20Page - STMicroelectronics L6996 Datasheet HTML 21Page - STMicroelectronics L6996 Datasheet HTML 22Page - STMicroelectronics L6996 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
19/26
L6996
Icinrms = 6.4A
Considering 10uF capacitors ceramic, that have ICINRMS =1.5A, 6 pzs. are needed.
3.3 Inductor selection
In order to determine the inductor value is necessary considering the maximum output current to decide the in-
ductor current saturation. Once the inductor current saturation is found automatically it is found the inductor val-
ue also. The inductor value is important also to determine the duration of the dynamic output voltage transition.
In our design it is considered a very low profile inductor.
L = 0.6
µA
The saturation current for this choke is 25A
3.4 Output capacitors
The output capacitor is chosen by the output voltage static and dynamic accuracy. The static accuracy is related
to the output voltage ripple value, while the dynamic accuracy is related to the output current load step.
If the static precision is around +/- 4% for the 1.25V output voltage, the output accuracy is ±50mV.
To determine the ESR value from the output precision is necessary before calculate the ripple current:
Eq 18
Considering a switching frequency around 270kHz from the equation above the ripple current is around 7A.
So the maximum ESR should be:
Eq 19
The dynamic specifications are sometime more relaxed than the static requirements so the ESR value around
7m
Ω should be enough.
Sometimes can be considered the output capacitor effect also:
Eq 20
From the above equation can be calculated the minimum output capacitance value. Considering
∆VOUT =
100mV, COUT > 1600µF should be used.
Five capacitor of 330
µF from PANASONIC correspond to the request. To allow the device control loop to prop-
erly work, output capacitor ESR zero must be at least ten times smaller than switching frequency. Low ESR tan-
talum capacitors, which ESR zero is close to 10 kHz, are suitable for output filtering. Output capacitor value
COUT and its series resistance, should be large enough and small enough, respectively, to keep output voltage
within the accuracy range during a load transient, and to give the device a minimum signal to noise ratio.
The current ripple flows through the output capacitor, so the output capacitors should be calculated also to sus-
tain this ripple: the RMS current value is given from Eq21.
Eq 21
But this is usually a negligible constrain when choosing output capacitor.
I
∆
Vin
Vo
–
L
-----------------------
Vo
Vi n
--------- T
sw
⋅⋅
=
ESR
V
rip ple
∆
I
∆
2
-----
---------------------
50m V
3.5
----------------
14m
Ω
==
=
Vo ut
∆
Io ut
2
L
⋅
2Vo ut
⋅
----------------------
1
C out
--------------
⋅
=
Icout
rms
1
23
----------- I
L
∆
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com