Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6996 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6996
Description  DINAMICALLY PROGRAMMABLE SYNCHRONOUS STEP DOWN CONTROLLER FOR MOBILE CPUs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6996 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6996 Datasheet HTML 9Page - STMicroelectronics L6996 Datasheet HTML 10Page - STMicroelectronics L6996 Datasheet HTML 11Page - STMicroelectronics L6996 Datasheet HTML 12Page - STMicroelectronics L6996 Datasheet HTML 13Page - STMicroelectronics L6996 Datasheet HTML 14Page - STMicroelectronics L6996 Datasheet HTML 15Page - STMicroelectronics L6996 Datasheet HTML 16Page - STMicroelectronics L6996 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
13/26
L6996
continuous mode at high load. The transition from PFM to PWM occurs when load current is around half the
inductor current ripple. This threshold value depends on VIN, L, and VOUT. Note that the higher the inductor val-
ue is, the smaller the threshold is. On the other hand, the bigger the inductor value is, the slower the transient
response is. In PFM mode the frequency changes, with the output current changing, more than in PWM mode;
in fact if the output current increase, the output voltage decreases more quickly; so the successive turn-on ar-
rives before, increasing the switching frequency. The PFM waveforms may appear more noisy and asynchro-
nous than normal operation, but this is normal behaviour mainly due to the very low load. The NOSKIP feature
cannot be disabled.
1.4 Softstart
If the supply voltages are already applied, the SHDN pin gives the start-up. The system starts with the high side
MOSFET off and the low side MOSFET on. After the SHDN pin is turned on the SS pin voltage begins to in-
crease and the system starts to switch. The softstart is realized by gradually increasing the current limit thresh-
old to avoid output overvoltage. The active soft start range (where the output current limit increase linearly)
starts from 0.6V to 1.5V. In this range an internal current source (5
µA typ) charges the capacitor on the SS pin.
The reference current (for the current limit comparator) forced through ILIM pin is proportional to SS pin voltage
and it saturates at 5
µA (typ.) when SS voltage is close to 1.5V; so the maximum current limit is active. Output
protections like undervoltage is disabled until SS pin voltage reaches 1.5V, instead the overvoltage is always
present.
Once the SS pin voltage reaches the 1.5V value, the voltage on SS pin doesn't impact the system operation
anymore. If the SHDN pin is turned on before the supplies, the correct start-up sequence is the following: first
turn-on the power section and after the logic section (VCC pin).
Figure 15. Soft-start diagram
1.5 Current limit
The current limit comparator senses inductor current through the sense resistor when the low side MOSFET is
on and compares this value with the ILIM pin voltage. While the current is above the prefixed value, the control
inhibits the one-shot start.
To properly set the current limit threshold, it should be noted that this is a valley current limit. Average current
depends on the inductor value, VIN e VOUT.
Eq 10
IOUTCL = IMAX_VALLEY + ∆IL / 2
Time
Time
0.6V
Maximum current limit
Soft-start active range
5
µA
4.1V
1.5V
Ilim current
Vss



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com