Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8801 Datasheet (PDF) - Monolithic Power Systems

MP8801 Datasheet PDF - Monolithic Power Systems
Part # MP8801
Download  MP8801 Download
File Size   490.06 Kbytes
Page   12 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 6.5V, 150mA, Low-Noise, Low-Dropout Linear Regulator

MP8801 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP8801 Datasheet PDF - Monolithic Power Systems

Part # MP8801
Download  MP8801 Click to download

File Size   490.06 Kbytes
Page   12 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 6.5V, 150mA, Low-Noise, Low-Dropout Linear Regulator

MP8801 Datasheet (HTML) - Monolithic Power Systems


MP8801 Product details

DESCRIPTION
The MP8801 is a low-noise, low-dropout linear regulator. It operates from a 2.7V to 6.5V input voltage (VIN) and regulates the output voltage (VOUT) with 2% accuracy at 2.5V, 2.85V or 3.3V. The internally set VOUT can be overridden via an external resistor divider from 1.25V to 5V.
The MP8801 can supply up to 150mA of load current. It also features thermal shutdown, and is available in a TSOT235 package.

FEATURES
 Low 100mV Dropout at 100mA Output
 2% Accurate Output Voltage (VOUT)
 Fixed VOUT Options of 2.5V, 2.85V, or 3.3V
 Adjustable VOUT from 1.25V to 5V via an External Resistor Divider
 Up to 6.5V Input Voltage (VIN)
 High PSRR: 70dB at 1kHz and 30dB at 1MHz
 More than 0.001%/mA Load Regulation
 Stable with Low-ESR Output Capacitor
 Low 125μA Ground Current
 Thermal Shutdown

APPLICATIONS
 802.11 PC Cards
 Mobile Handset PLL Power
 Audio Codec Power




Similar Part No. - MP8801

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8801 MPS-MP8801 Datasheet
287Kb / 7P
Low Dropout 150mA Linear Regulator
MP8801 MPS-MP8801 Datasheet
294Kb / 7P
Low Dropout 150mA Linear Regulator
MP8801DJ-2.5 MPS-MP8801DJ-2.5 Datasheet
287Kb / 7P
Low Dropout 150mA Linear Regulator
MP8801DJ-2.5 MPS-MP8801DJ-2.5 Datasheet
294Kb / 7P
Low Dropout 150mA Linear Regulator
MP8801DJ-2.85 MPS-MP8801DJ-2.85 Datasheet
287Kb / 7P
Low Dropout 150mA Linear Regulator
More results


Similar Description - MP8801

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1730 AIC-AIC1730 Datasheet
222Kb / 12P
Low Noise Low Dropout, 150mA Linear Regulator
logo
Eutech Microelectronics...
EUP7965 EUTECH-EUP7965 Datasheet
375Kb / 15P
150mA Low-Noise Low-Dropout Linear Regulator
logo
Silicon Standard Corp.
SS6730 SSC-SS6730 Datasheet
187Kb / 12P
150mA Low-Noise, Low-Dropout Linear Regulator
logo
Sangdest Microelectroni...
SULR1730 SMC-SULR1730 Datasheet
335Kb / 12P
150mA, Low Noise, Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1730 AIC-AIC1730_15 Datasheet
269Kb / 12P
150mA, Low Noise, Low Dropout Linear Regulator
logo
Richtek Technology Corp...
RTQ2502A RICHTEK-RTQ2502A Datasheet
527Kb / 19P
2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
RTQ2532W RICHTEK-RTQ2532W Datasheet
447Kb / 20P
2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
RTQ2533W RICHTEK-RTQ2533W Datasheet
511Kb / 19P
3A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
RTQ2513T RICHTEK-RTQ2513T Datasheet
437Kb / 18P
3A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
August 2020
RTQ2521A RICHTEK-RTQ2521A Datasheet
520Kb / 17P
1.5A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
October 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com