Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8801 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP8801
Description  6.5V, 150mA, Low-Noise, Low-Dropout Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8801 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP8801 Datasheet HTML 4Page - Monolithic Power Systems MP8801 Datasheet HTML 5Page - Monolithic Power Systems MP8801 Datasheet HTML 6Page - Monolithic Power Systems MP8801 Datasheet HTML 7Page - Monolithic Power Systems MP8801 Datasheet HTML 8Page - Monolithic Power Systems MP8801 Datasheet HTML 9Page - Monolithic Power Systems MP8801 Datasheet HTML 10Page - Monolithic Power Systems MP8801 Datasheet HTML 11Page - Monolithic Power Systems MP8801 Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MP8801
– 150MA, LOW-NOISE, LOW-DROPOUT LINEAR REGULATOR
MP8801 Rev. 2.0
MonolithicPower.com
10
7/19/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
PCB Layout Guidelines
Efficient PCB layout is critical for stable operation.
For the best results, refer to Figure 6 and follow
the guidelines below:
1. Place the input and output bypass capacitors
close to the IN and OUT pins.
2. Ensure all feedback connections are short
and direct. Place the feedback resistors and
compensation components as close to the IC
as possible.
3. For improved thermal performance, connect
the IN, OUT, and GND pins to a large copper
area to cool the IC.
Figure 5: Typical Application Circuit
C1
1
2
3
4
5
IN
EN
GND
FB
OUT
C3
IN
OUT
GND
R1
R2
C2
C3
R3
Figure 6: Recommended PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com