Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8801 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP8801
Description  6.5V, 150mA, Low-Noise, Low-Dropout Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8801 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP8801 Datasheet HTML 4Page - Monolithic Power Systems MP8801 Datasheet HTML 5Page - Monolithic Power Systems MP8801 Datasheet HTML 6Page - Monolithic Power Systems MP8801 Datasheet HTML 7Page - Monolithic Power Systems MP8801 Datasheet HTML 8Page - Monolithic Power Systems MP8801 Datasheet HTML 9Page - Monolithic Power Systems MP8801 Datasheet HTML 10Page - Monolithic Power Systems MP8801 Datasheet HTML 11Page - Monolithic Power Systems MP8801 Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
MP8801
– 150MA, LOW-NOISE, LOW-DROPOUT LINEAR REGULATOR
Notice: The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third-party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
MP8801 Rev. 2.0
MonolithicPower.com
12
7/19/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
REVISION HISTORY
Revision #
Revision Date
Description
Pages
Updated
1.0
12/6/2004
Initial Release
-
1.1
5/2/2005
Added the 2.5V and 3.3V fixed output voltage options; added
Fixed Voltage Part Numbers table
; updated “150mV” to
“125mV” in the Features section
1
Formatting updates
All
1.2
6/7/2005
Updated nomenclature
All
1.3
9/21/2005
Updated nomenclature
All
1.4
10/7/2005
Updated page header
11
Removed watermark
All
1.5
2/21/2006
Added “C2 = 0.1µF” to the conditions in the Typical
Performance Characteristics section
6
1.6
3/6/2006
Removed “C2” from Figure 3 (fixed output voltage schematic)
9
1.7
6/27/2008
Updated the Electrical Characteristics section
5
1.8
6/11/2009
Updated the Electrical Characteristics section
5
1.9
10/10/2011
Removed “Output Voltage Accuracy” from the Electrical
Characteristics section
5
2.0
7/2/2021
Updated the footnote below the Applications section
1
Added top marking information
2
Added equation numbers
8
Updated the PCB Layout Guidelines section
10
Grammatical,
formatting,
and
clerical
updates;
updated
headers and footers; updated figure titles; updated footnote
numbers; updated pagination
All



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com