Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8801 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP8801
Description  6.5V, 150mA, Low-Noise, Low-Dropout Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8801 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP8801 Datasheet HTML 1Page - Monolithic Power Systems MP8801 Datasheet HTML 2Page - Monolithic Power Systems MP8801 Datasheet HTML 3Page - Monolithic Power Systems MP8801 Datasheet HTML 4Page - Monolithic Power Systems MP8801 Datasheet HTML 5Page - Monolithic Power Systems MP8801 Datasheet HTML 6Page - Monolithic Power Systems MP8801 Datasheet HTML 7Page - Monolithic Power Systems MP8801 Datasheet HTML 8Page - Monolithic Power Systems MP8801 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MP8801
– 6.5V, 150mA, LOW-NOISE, LOW-DROPOUT LINEAR REGULATOR
MP8801 Rev. 2.0
MonolithicPower.com
4
7/19/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
IN
Power source input. The IN pin supplies the internal power to the linear regulator. In is
also the source for the pass transistor. Bypass IN to GND via a 1
μF or greater capacitor.
2
GND
Ground.
3
EN
Enable (EN) input. Pull the EN pin high to turn the regulator on; pull EN low to turn it off.
For automatic start-up, connect the EN and IN pins.
4
FB
Feedback input. Connect a resistive voltage divider between the OUT and FB pins to set
the output voltage (VOUT). The VOUT feedback threshold is 1.222V.
5
OUT
Regulator output. The OUT pin is the output of the linear regulator. Bypass OUT to GND
via a 1
μF or greater capacitor.
ABSOLUTE MAXIMUM RATINGS (2)
IN supply voltage ........................... -0.3V to +7V
FB voltage (VFB)................. -0.3V to VOUT + 0.3V
All other pins.................................. -0.3V to +6V
Continuous power dissipation (TA = 25°C) (3)
………………………………………………...0.56W
Junction temperature ............................... 150°C
Lead temperature .................................... 260°C
Storage temperature ............... -65°C to +150°C
Recommended Operating Conditions (4)
Input voltage .................................. 2.7V to 6.5V
Output voltage ................................ 1.25V to 5V
Load current .......................... 150mA Maximum
Maximum junction temp (TJ) .................... 125°C
Thermal Resistance (5)
θJA
θJC
TSOT23-5..............................220 .... 110 ..°C/W
Notes:
2) Exceeding these ratings may damage the device.
3) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θ
JA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX) - TA) / θJA. Exceeding the maximum allowable power
dissipation can cause excessive die temperature, and the
regulator may go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
4) The device is not guaranteed to function outside of its
operating conditions
5) Measured on JESD51-7, 4-
layer PCB. The value of θ
JA given
is only valid for comparison with other packages and cannot
be used for design purposes. Values were calculated in
accordance with JESD51-7, and were simulated on a
specified
JEDEC
board.
They
do
not
represent
the
performance obtained in actual application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com