Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8801 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP8801
Description  6.5V, 150mA, Low-Noise, Low-Dropout Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8801 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP8801 Datasheet HTML 1Page - Monolithic Power Systems MP8801 Datasheet HTML 2Page - Monolithic Power Systems MP8801 Datasheet HTML 3Page - Monolithic Power Systems MP8801 Datasheet HTML 4Page - Monolithic Power Systems MP8801 Datasheet HTML 5Page - Monolithic Power Systems MP8801 Datasheet HTML 6Page - Monolithic Power Systems MP8801 Datasheet HTML 7Page - Monolithic Power Systems MP8801 Datasheet HTML 8Page - Monolithic Power Systems MP8801 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MP8801
– 6.5V, 150mA, LOW-NOISE, LOW-DROPOUT LINEAR REGULATOR
MP8801 Rev. 2.0
MonolithicPower.com
2
7/19/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
Free Air
Temperature (TA)
MP8801DJ-2.5
TSOT23-5
See Below
-40
°C to +85°C
MP8801DJ-2.85
See Below
MP8801DJ-3.3
See Below
* For Tape & Reel, add suffix -Z (e.g. MP8801DJ-2.85-Z).
For RoHS-compliant packaging, add suffix -LF (e.g. MP8801DJ-2.85-LF-Z).
TOP MARKING
D2: Product code for MP8801DJ-2.5
Y: Year code
W: Week code
TOP MARKING
C1: Product code for MP8801DJ-2.85
Y: Year code
W: Week code
TOP MARKING
D3: Product code for MP8801DJ-3.3
Y: Year code
W: Week code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com